Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 14Page - Texas Instruments CDC906 Datasheet HTML 15Page - Texas Instruments CDC906 Datasheet HTML 16Page - Texas Instruments CDC906 Datasheet HTML 17Page - Texas Instruments CDC906 Datasheet HTML 18Page - Texas Instruments CDC906 Datasheet HTML 19Page - Texas Instruments CDC906 Datasheet HTML 20Page - Texas Instruments CDC906 Datasheet HTML 21Page - Texas Instruments CDC906 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
www.ti.com
CDC906
SCAS828 – SEPTEMBER 2006
Byte 12, Bit [6]: Power-Down Mode (except SMBus)
PD
Power-Down Mode
Default(1)
0
Normal Device Operation
Yes
1
Power Down(2)
(1)
Unless customer specific setting.
(2)
In power down, all PLLs and the Clock-Input-Stage are going into power-down mode, all outputs are in 3-State, all actual register
settings will be maintained and SMBus stays active. Power-Down Mode overwrites 3-State or Low-State of S0 and S1 setting in Byte 10.
Byte 13 to 18, Bit [6:0]: Outputs Switch Matrix - 6x7-Bit Divider P0-P5
DIVYx6
DIVYx5
DIVYx4
DIVYx3
DIVYx2
DIVYx1
DIVYx0
Div by
Default(1)(2)
0
0
0
0
0
0
0
Not allowed
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
2
•
•
•
1
1
1
1
1
0
1
125
1
1
1
1
1
1
0
126
1
1
1
1
1
1
1
127
(1)
Unless customer specific setting.
(2)
Default setting of divider P0 = 10, P1 = 20, P2 = 8, P3 = 9, P4 = 32, and P5 = 4
Byte 19 to 24, Bit [5:4]: LVCMOS Output Rise/Fall Time Setting at Y0-Y5
SRCYx1
SRCYx0
Yx
Default(1)
0
0
Nominal +3 ns (tr0/tf0)
0
1
Nominal +2 ns (tr1/tf1)
1
0
Nominal +1 ns (tr2/tf2)
1
1
Nominal (tr3/tf3)
Yes
(1)
Unless customer specific setting.
Byte 19 to 24, Bit [2:0]: Outputs Switch Matrix (6 x 6 Switch B) Divider (P0-P5) Selection for Outputs Y0-Y5
SWBYx2
SWBYx1
SWBYx0
Any Output Yx
Default(1)
0
0
0
Divider P0
0
0
1
Divider P1
0
1
0
Divider P2
Y0, Y1, Y2, Y3, Y4, Y5
0
1
1
Divider P3
1
0
0
Divider P4
1
0
1
Divider P5
1
1
0
Reserved
1
1
1
Reserved
(1)
Unless customer specific setting.
Byte 19 to 24, Bit [3]: Output Y0-Y5 Enable or Low-State
ENDISYx
Output Yx
Default(1)
0
Disable to low
1
Enable
Yes
(1)
Unless customer specific setting.
Byte 19 to 24, Bit [6]: Output Y0-Y5 Non-Inverting/Inverting
INVYx
Output Yx Status
Default(1)
0
Non-inverting
Yes
1
Inverting
(1)
Unless customer specific setting.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com