Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 11Page - Texas Instruments CDC906 Datasheet HTML 12Page - Texas Instruments CDC906 Datasheet HTML 13Page - Texas Instruments CDC906 Datasheet HTML 14Page - Texas Instruments CDC906 Datasheet HTML 15Page - Texas Instruments CDC906 Datasheet HTML 16Page - Texas Instruments CDC906 Datasheet HTML 17Page - Texas Instruments CDC906 Datasheet HTML 18Page - Texas Instruments CDC906 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
www.ti.com
Default Device Setting
PLL1
XO
or
2LVCMOS
or
Differential
Input
MUX
MUX
DividerM
1
MUX
DividerM
375
PLL3
PFD
Filter
VCO
PLL2
w/SSC
PFD
Filter
VCO
DividerN
8
DividerN
250
DividerN
3136
SO/CLK_SEL
S1
SCLOCK
OutputSwitchMatrix
27MHz
PROGRAMMING
LOGIC
SMBUS
LOGIC
PFD
Filter
VCO
SDATA
P0-Div
10
P1-Div
20
P2-Div
8
P3-Div
9
P4-Div
32
P5-Div
4
fVCO3 =225.792MHz
CLK_IN0
CLK_IN1
27MHz
Crystal
SSC-OFF
Y5
Y4
Y3
Y2
Y1
Y0
27MHz
27MHz
27MHz
27MHz
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
27MHz
DividerM
27
fVCO1 =216MHz
fVCO2 =250MHz
fout=
finxN
MxP
, i.e.fout=
27MHzx8
(1x8)
=27MHz
(1)
CDC906
SCAS828 – SEPTEMBER 2006
The CDC906 is pre-programmed with a factory default configuration as shown below. This puts the device in an
operating mode without the need to program it first. The default setting appears after power is switched on or
after a power-down/up sequence until it is re-programmed by the user to a different application configuration. A
new register setting is programmed via the serial SMBUS Interface.
A different default setting can be programmed upon customer request. Contact a Texas Instruments sales or
marketing representative for more information.
NOTE: All outputs are enabled and in non-inverting mode. S0, S1, and SSC comply according the default setting described
in Byte 10 and Byte 25 respectively.
Figure 13. Default Device Setting
The output frequency can be calculated:
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com