Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 18Page - Texas Instruments CDC906 Datasheet HTML 19Page - Texas Instruments CDC906 Datasheet HTML 20Page - Texas Instruments CDC906 Datasheet HTML 21Page - Texas Instruments CDC906 Datasheet HTML 22Page - Texas Instruments CDC906 Datasheet HTML 23Page - Texas Instruments CDC906 Datasheet HTML 24Page - Texas Instruments CDC906 Datasheet HTML 25Page - Texas Instruments CDC906 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
www.ti.com
Clock Inputs (CLK_IN0 and CLK_IN1)
XO
or
2LVCMOS
or
Differential
Input
CLK_IN0
CLK_IN1
Inputsourceselect
(fromSMBUSRegister)
C
X0
C
X1
crystal
unit
C
ICB
C
ICB
CDC906
SCAS828 – SEPTEMBER 2006
The CDC906 features two clock inputs which can be used as:
•
Crystal oscillator input (default setting)
•
Two independent single-ended LVCMOS inputs
•
Differential signal input
The dedicated clock input can be selected by the input signal source Bit [7:6] of Byte 11.
Crystal Oscillator Inputs
The input frequency range in crystal mode is 8 MHz to 54 MHz. The CDC906 uses a Pierce-type oscillator
circuitry with included feedback resistance for the inverting amplifier. The user, however, has to add external
capacitors CX0, CX1) to match the input load capacitor from the crystal (see Figure 15). The required values can
be calculated:
C
X0 = CX1 = 2 × CL– CICB,
where CL is the crystal load capacitor as specified for the crystal unit and CICB is the input capacitance of the
device including the board capacitance (stray capacitance of PCB).
For example, for a fundamental 27-MHz crystal with CL of 9 pF and CICB of 4 pF,
CX0 = CX1 = (2 × 9 pF) – 3 pF = 15 pF.
It is important to use a short PCB trace from the device to the crystal unit to keep the stray capacitance of the
oscillator loop to a minimum.
Figure 15. Crystal Input Circuitry
In order to ensure a stable oscillating, a certain drive power must be applied. The CDC906 features an input
oscillator with adaptive gain control which relieves the user to manually program the gain. The drive level is the
amount of power dissipated by the oscillating crystal unit and is usually specified in terms of power dissipated by
the resonator (equivalent series resistance (ESR)). Figure 16 gives the resulting drive level vs crystal frequency
and ESR.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com