Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 29Page - Texas Instruments CDC906 Datasheet HTML 30Page - Texas Instruments CDC906 Datasheet HTML 31Page - Texas Instruments CDC906 Datasheet HTML 32Page - Texas Instruments CDC906 Datasheet HTML 33Page - Texas Instruments CDC906 Datasheet HTML 34Page - Texas Instruments CDC906 Datasheet HTML 35Page - Texas Instruments CDC906 Datasheet HTML 36Page - Texas Instruments CDC906 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
www.ti.com
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
T =25 C,
V
=3.3V,
A
CC
o
Mdiv=4,
Ndiv=15,
P div=3
High-Speed Mode
180MHz
f
FrequencyRange
VCO
forHigh-SpeedMode
f
forNormal-SpeedMode
VCO FrequencyRange
Normal-SpeedMode
200MHz
fVCO − MHzSetPoint
Cross Coupling, Spur Suppression, and Noise Rejection
CDC906
SCAS828 – SEPTEMBER 2006
Figure 30. Period Jitter vs fVCO for Normal-Speed Mode and High-Speed Mode
The TI Pro Clock software automatically calculates the PLL parameter for jitter-optimized performance.
Cross-Coupling in ICs occurs through interactions between several parts of the chip such as between output
stages, metal lines, bond wires, substrate, etc. The coupling can be capacitive, inductive and resistive (ohmic)
induced by output switching, leakage current, ground bouncing, power supply transients, etc.
The CDC906 is designed in BiCMOS process technology incorporating silicon-germanium (SiGe) technology.
This process gives excellent performance in linearity, low power consumption, best-in-class noise performance
and good isolation characteristic between the on-chip components.
The good isolation was a major criteria to use BiCMOS process as it minimizes the coupling effect. Even if all
three PLLs are active and all outputs are on, the noise suppression is clearly above 50 dB. Figure 31 and
Figure 32 show an example of noise coupling, spur-suppression, and power supply noise rejection of CDC906.
Die respective measurement conditions are shown in Figure 31 and Figure 32.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com