Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 6Page - Texas Instruments CDC906 Datasheet HTML 7Page - Texas Instruments CDC906 Datasheet HTML 8Page - Texas Instruments CDC906 Datasheet HTML 9Page - Texas Instruments CDC906 Datasheet HTML 10Page - Texas Instruments CDC906 Datasheet HTML 11Page - Texas Instruments CDC906 Datasheet HTML 12Page - Texas Instruments CDC906 Datasheet HTML 13Page - Texas Instruments CDC906 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
www.ti.com
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
90
100
110
120
130
140
150
160
170
180
190
200
210
220
VOH atV
=3.6V
CCOUT
VOH atV
=2.3V
CCOUT
VOL atV
=3.6V
CCOUT
VOL atV
=2.3V
CCOUT
f
-[MHz]
OUT
V
=3.3V,
Mdiv=4,
Ndiv=15,
P div=1
CC
CDC906
SCAS828 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
Figure 5. Output Swing vs Output Frequency
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com