Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 21Page - Texas Instruments CDC906 Datasheet HTML 22Page - Texas Instruments CDC906 Datasheet HTML 23Page - Texas Instruments CDC906 Datasheet HTML 24Page - Texas Instruments CDC906 Datasheet HTML 25Page - Texas Instruments CDC906 Datasheet HTML 26Page - Texas Instruments CDC906 Datasheet HTML 27Page - Texas Instruments CDC906 Datasheet HTML 28Page - Texas Instruments CDC906 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
www.ti.com
Spread Spectrum Clocking and EMI Reduction
Down Spread 3%
9th Harmonic, fm = 60 kHz
11.3dB
7dB
Center Spread + 0.4%
9th Harmonic, fm = 60 kHz
Down Spread 3%
9th Harmonic, fm = 60
11.3dB
11.3 dB
7dB
7 dB
Center Spread + 0.4%
9th Harmonic, fm = 60
CDC906
SCAS828 – SEPTEMBER 2006
Additionally, each PLL supports two bypass options:
•
PLL Bypass and
•
VCO Bypass
In PLL bypass mode, the PLL completely is bypassed, so that the input clock is switched directly to the
Output-Switch-A (SWAPxx of Byte 9 to12). In the VCO bypass mode, only the VCO of the respective PLL is
bypassed by setting PLLxMUX to 1 (Bit [7:5] of Byte 3). But the divider M still is useable and expands the output
divider by additional 9-bits. This gives a total divider range of M x P = 511 × 127 = 64897. In VCO bypass mode
the respective PLL block is powered down and minimizes current consumption.
Table 3. Example for Divide, Multiplication, and Bypass Operation
Function
Equation(1)
fIN
fOUT-desired
fOUT-actual
Divider
fVCO [MHz]
[MHz]
[MHz]
[MHz]
M
N
P
N/M
Fractional(2)
fOUT = fIN x (N/M)/P
30.72
155.52
155.52
16
81
1
5.0625
155.52
Integer Factor(3)
fOUT = fIN x (N/M)/P
27
162
162
1
6
1
6
162
VCO bypass
fOUT = fIN/(M x P)
30.72
0.06
0.06
8
—
64
—
—
(1)
P-divider of Output-Switch-Matrix is included in the calculation.
(2)
Fractional operation for fVCO ≤ 250 MHz.
(3)
Integer operation for fVCO > 250 MHz.
In addition to the basic PLL function, PLL2 supports spread spectrum clocking (SSC) as well. Thus, PLL 2
features two outputs, a SSC output and a non-SSC output. Both outputs can be used in parallel. The mean
phase of the Center Spread SSC modulated signal is equal to the phase of the non-modulated input frequency.
SSC is selected by Output-Switch-A (SWAPxx of Byte 9 to 12).
SSC also is bypass-able (Byte 25, Bit [6:4]), which powers-down the SSC output and set it to logic low state.
The non-SSC output of PLL2 is not affected by this mode and can still be used.
SSC is an effective method to reduce electro-magnetic interference (EMI) noise in high-speed applications. It
reduces the RF energy peak of the clock signal by modulating the frequency and spread the energy of the signal
to a broader frequency range. Because the energy of the clock signal remains constant, a varying frequency that
broadens the overtones necessarily lowers their amplitudes. Figure 20 shows the effect of SSC on a 54-MHz
clock signal for DSP
Figure 20. Spread Spectrum Clocking With Center Spread and Down Spread
The peak amplitude of the modulated clock is 11.3 dB lower than the non-modulated carrier frequency for down
spread and radiated less electro-magnetic energy.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com