Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 2Page - STMicroelectronics MIC2593 Datasheet HTML 3Page - STMicroelectronics MIC2593 Datasheet HTML 4Page - STMicroelectronics MIC2593 Datasheet HTML 5Page - STMicroelectronics MIC2593 Datasheet HTML 6Page - STMicroelectronics MIC2593 Datasheet HTML 7Page - STMicroelectronics MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics MIC2593 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MIC2593
Micrel
M9999-042204
6
April 2004
Pin Description (cont)
Pin Number
Pin Name
Pin Function
4
GPIA
General Purpose Inputs: The states of these two inputs are available by
38
GPIB
reading the Common Status Register, Bits [4:5]. If not used, connect each
pin to GND.
40
A1
SMBus Address Select Pins: Connect to ground or leave open in order to
41
A0
program device SMBus base address. These inputs have internal pull-up
A0
resistors to VSTBY[A/B].
48
SDA
SMBus Data: Bidirectional SMBus data line.
47
SCL
SMBus Clock: Input.
37
/INT
Interrupt Output: Open-drain, active-low. Asserted whenever a power fault
is detected if the INTMSK bit (CS Register Bit D[3]) is a logical "0". This
output is de-asserted by performing an "echo reset" to the appropriate fault
bit(s) in the STAT[A/B] and/or CS registers. This pin requires an external
pull-up resistor to V
STBY.
33
GND
IC Ground Connections: Tie directly to the system’s analog ground
46
plane directly at the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com