Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 7Page - STMicroelectronics MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics MIC2593 Datasheet HTML 10Page - STMicroelectronics MIC2593 Datasheet HTML 11Page - STMicroelectronics MIC2593 Datasheet HTML 12Page - STMicroelectronics MIC2593 Datasheet HTML 13Page - STMicroelectronics MIC2593 Datasheet HTML 14Page - STMicroelectronics MIC2593 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
April 2004
11
M9999-042204
MIC2593
Micrel
MIC2593
A2
/INT
SDA
SCL
A0
VSTBY
A1
100k
47
48
37
39
40
41
100k
Disabling SMI when
HPI Control is used
Disabling HPI when
SMI Control is used
100k
/INT
AUXENA
AUXENB
ONA
ONB
MIC2593
45
42
44
43
Figure 6. Input Pin Configuration for Disabling HPI/SMI Control
Functional Description
Hot Swap Insertion
When circuit boards are inserted into systems carrying live
supply voltages (“hot-plugged”), high inrush currents often
result due to the charging of bulk capacitance that resides
across the circuit board’s supply pins. This transient inrush
current can cause the system’s supply voltages to tempo-
rarily go out of regulation, causing data loss or system
lock-up. In more extreme cases, the transients occurring
during a hot plug event may cause permanent damage to
connectors or on-board components.
The MIC2593 addresses these issues by limiting the inrush
currents to the load (PCI Board), and thereby controlling the
rate at which the load’s circuits turn-on. In addition to this
inrush current control, the MIC2593 offers input and output
voltage supervisory functions and current limiting to provide
robust protection for both the system and circuit board.
System Interface
The MIC2593 employs two system interfaces: the hardware
Hot Plug Interface (HPI) and the System Management Inter-
face (SMI). The HPI includes ON[A/B], AUXEN[A/B], as well
as /FAULT[A/B]; the SMI consists of SDA, SCL, and /INT,
whose signals conform to the levels and timing of the SMBus
specification. The MIC2593 can be operated exclusively from
the SMI, or can employ the HPl for power control while
continuing to use the SMI for access to all but the power
control registers.
In addition to the basic power control features of the MIC2593
accessible by the HPI, the SMI also gives the host access to
the following information from the part:
• Fault conditions occurring on each supply
• GPI[A/B] pin status
When using the System Management Interface for power
control, do not use the Hot Plug Interface. Conversely, when
using the Hot Plug Interface for power control, do not execute
power control commands over the System Management
Interface bus (all other register accesses via the SMI bus
remain permissible while in the HPI control mode). When
utilizing the SMI exclusively, the HPI input pins ON[A/B] and
AUXEN[A/B] should be tied to ground as shown below in
Figure 6 (Disabling HPI when SMI control is used). This
configuration safeguards the power slots in the event that the
SMBus communication link is disconnected for any reason.
Additionally, when utilizing the HPI exclusively, the SMBus
(or SMI) will be inactive if the input pins (SDA, SCL, A0, A1,
and A2) are configured as shown in Figure 6 below (disabling
SMI when HPI Control is used).
Power-On Reset and Power Cycling
The MIC2593 utilizes VSTBY[A/B] as the main supply input
source. VTSBY[A/B] is required for proper operation of the
MIC2593 SMBus interface and registers and must be applied
at all times. A Power-On Reset (POR) cycle is initiated after
VSTBY[A/B] rises above its UVLO threshold and remains
valid at that voltage for 500
µs. All internal registers are
cleared after POR. If VSTBY[A/B] is recycled, the MIC2593
enters a new power-on reset cycle. VSTBY[A/B] must be the
first supply input applied followed by the MAIN supply inputs
of 12V
IN, 12MVIN, 5VIN, and 3VIN. The MAIN supply inputs
may be applied in any order. The SMBus is ready for access
at the end of the POR interval (500
µs after VSTBY[A/B] is
valid). All outputs remain off during t
POR.
Power-Up Cycle
When a slot is off, the 5VGATE and 3VGATE pins are held
low with an internal pull-down current source. When a slot’s
MAIN outputs are enabled by applying a rising-edge signal at
the ON[A/B] control input and all input voltages are above
their respective undervoltage lockout thresholds, all four
main supplies will then execute a controlled turn on. The
5VGATE and 3VGATE pins are each connected to a constant
current source of 25
µA, nominal. Both the 5V and 3.3V
outputs act as source followers, where:
V
SOURCE = [VGATE – VTH(ON)]
until the associated output is equal to its input. The voltages
on the gates of the external MOSFETs for the 5V and 3.3V
MAIN supplies will continue to rise to approximately 11.5V,
ensuring minimum R
DS(ON) of the MOSFET. Note that a
delay exists between the ON command to a slot and the
appearance of voltage at the slot’s 3.3V or 5V MAIN output.
This delay is the time required to charge the 3V or 5V GATE
output up to the threshold voltage of the external MOSFET
(typically about 4V). For the 5V and 3.3V MAIN supplies, the
source (output) side of the external MOSFET will reach the
drain (input) voltage in a time given by:
t
CV
I
DELAY
GATE
DRAIN
GATE SOURCE
=
×
(
)
()
Table 1 provides a reference list of the expected GATE
output slew rate for the 3.3V and 5V supplies using several



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com