Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 18 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 14Page - STMicroelectronics MIC2593 Datasheet HTML 15Page - STMicroelectronics MIC2593 Datasheet HTML 16Page - STMicroelectronics MIC2593 Datasheet HTML 17Page - STMicroelectronics MIC2593 Datasheet HTML 18Page - STMicroelectronics MIC2593 Datasheet HTML 19Page - STMicroelectronics MIC2593 Datasheet HTML 20Page - STMicroelectronics MIC2593 Datasheet HTML 21Page - STMicroelectronics MIC2593 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MIC2593
Micrel
M9999-042204
18
April 2004
Status Register Slot A (STATA)
8-Bits, Read-Only
Status Register, Slot A (STATA)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read/write
read/write
read/write
read/write
read/write
FAULTA
MAINA
VAUXA
VAUXAF
12MVAF
12VAF
5VAF
3VAF
Bit(s)
Function
Operation
FAULTA
FAULT Status – Slot A
1 = /FAULTA pin asserted
(/FAULTA pin is LOW)
0 = /FAULTA pin de-asserted
(/FAULTA pin is HIGH)
See Notes 1 and 2
MAINA
MAIN Enable Status – Slot A
Represents the actual state (on/off) of the
four Main Power outputs for Slot A
(+12V, –12V, +5V and +3.3V)
1 = Main Power ON
0 = Main Power OFF
VAUXA
VAUX Enable Status – Slot A
Represents the actual state (on/off) of the
Auxiliary Power output for Slot A
1 = AUX Power ON
0 = AUX Power OFF
VAUXAF
Overcurrent Fault: VAUXA supply A
1 = Fault 0 = No fault
12MVAF
Overcurrent Fault: –12V supply A
1 = Fault 0 = No fault
12VAF
Overcurrent Fault: +12V supply A
1 = Fault 0 = No fault
5VAF
Overcurrent Fault: 5V supply A
1 = Fault 0 = No fault
3VAF
Overcurrent Fault: 3.3V supply A
1 = Fault 0 = No fault
Power-Up Default Value: 0000 0000
b = 00h
Command_Byte Value (R/W): 0000 0100
b = 04h
The power-up default value is 00
h. Both slots are disabled upon power-up, i.e., all supply outputs are off. In response to an
overcurrent fault condition, writing a logical 1 back into the active (or set) bit position will clear the bit and de-assert /INT. The
status of the /FAULTA pin is not affected by reading the Status Register or by clearing active status bits.
Notes:
1.
If FAULTA has been set by an overcurrent condition on one or more of the MAIN outputs, the ONA input must go LOW to reset FAULTA.
If FAULTA has been set by a VAUXA overcurrent event, the AUXENA input must go LOW to reset FAULTA.
If an overcurrent has occurred on both a MAIN output and the VAUX output of slot A, both ONA and AUXENA of the slot must go low to reset
FAULTA.
2.
Neither the FAULTA bit nor the /FAULTA pin is active when the MIC2593 power paths are controlled by the System Management Interface. When
using SMI power path control, AUXENA and ONA pins for that slot must be tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com