Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics MIC2593 Datasheet HTML 10Page - STMicroelectronics MIC2593 Datasheet HTML 11Page - STMicroelectronics MIC2593 Datasheet HTML 12Page - STMicroelectronics MIC2593 Datasheet HTML 13Page - STMicroelectronics MIC2593 Datasheet HTML 14Page - STMicroelectronics MIC2593 Datasheet HTML 15Page - STMicroelectronics MIC2593 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MIC2593
Micrel
M9999-042204
12
April 2004
(decade-scale) standard capacitors.
I
GATE(SOURCE) = 25µ
µµµµA
C
GATE
dv/dt (GATE)
0.001
µF
25V/ms
0.01
µF
2.5V/ms
0.1
µF
0.25V/ms
1
µF
0.025V/ms
Table 1. 3.3V/5V GATE Output Slew Rate Selection
For the +12V and –12V supplies, the output slew rate is
controlled by capacitors connected to the 12VSLEWA and
12VSLEWB pins. To determine the minimum value of the
slew rate capacitor, (C
SLEW), and to ensure the device does
not enter into current limit during start-up, the following
equation is used:
C
min
I
I
C
SLEW
SLEW
LIM 12V 12MV
LOAD
()
[/
]
=×
where C
LOAD is the load capacitance connected to the +12V
and –12V outputs, I
LIM[12V/12MV] are the current limit slow-trip
thresholds and I
SLEW is the slew rate charge current found in
the “Electrical Characteristics” table. The slew rate dv/dt is
computed by:
dv dt at load
I
C10
SLEW
SLEW
6
/
(
)=
×
By appropriately selecting the value of C
SLEW, the magnitude
of the inrush current will not exceed the current limit for a
given load capacitance. Since one capacitor fixes the slew
rate for both +12V and –12V, the capacitor value should be
chosen to provide the slower slew rate of the two. Table 2
depicts the
±12V output slew rate for various values of
C
SLEW.
I
SLEW = 22µ
µµµµA
C
GATE
dv/dt (load)
0.001
µF
22V/ms
0.01
µF
2.2V/ms
0.1
µF
0.22V/ms
1
µF
0.022V/ms
Table 2.
±12V Output Slew Rate Selection
Power Down Cycle
When a slot is turned off, internal switches are connected to
each of the outputs to discharge the PCI board's bypass
capacitors to ground.
Standby Mode
Standby mode is entered when any (one or more) enabled
MAIN supply input (12V
IN, 12MVIN, 5VIN and/or 3VIN) drops
below its respective UVLO threshold. The MIC2593 supplies
two 3.3V auxiliary outputs, VAUX[A/B], satisfying PCI 2.x
specifications. These outputs are fed via the VSTBY[A/B]
input and controlled by the AUXEN[A/B] inputs or via their
SMI bus Control Registers. These outputs are independent of
the MAIN outputs: should one or more of the MAIN supply
inputs move below its UVLO thresholds, VAUX[A/B] will still
function as long as VSTBY[A/B] is present. Prior to entering
standby mode, ONA and ONB (or the MAINA and MAINB bits
in the Control Registers) inputs should be de-asserted. If this
is not done, the MIC2593 will assert /FAULT and also /INT if
interrupts are enabled, when the MIC2593 detects an under-
voltage condition on a supply input.
Circuit Breaker Functions
The MIC2593 provides an electronic circuit breaker function
that protects against excessive loads, such as short circuits,
at each supply. When the current from one or more of a slot’s
MAIN outputs exceeds the current limit threshold
(50mV/R
SENSE for 3.3V and 5V, 1.0A for +12V, and/or 0.2A
for –12V) for a duration greater than the overcurrent timer,
t
FLT, the circuit breaker is tripped and all MAIN supplies (all
outputs except VAUX[A/B]) are shut off. Should the load
current exceed I
THFAST (+12V and –12V), or cause a MAIN
output’s V
SENSE to exceed VTHFAST (+3.3V and +5V), the
outputs are shut off with no delay. Undervoltage conditions on
the MAIN supply inputs also trip the circuit breaker, but only
when the MAIN outputs are enabled (to signal a supply input
brown-out condition).
The VAUX[A/B] outputs have their own separate circuit
breaker functions. VAUX[A/B] do not incorporate a fast-trip
threshold, but instead regulate the output current into a fault
to avoid exceeding their operating current limit. The circuit
breaker will trip due to overcurrents on VAUX[A/B] when the
overcurrent fault timer (t
FLT) expires. This use of the
overcurrent timer prevents the circuit breaker from tripping
prematurely due to brief current transients.
Following a fault condition, the outputs can be turned on
again via the ON inputs (if the fault occurred on one of the
MAIN outputs), via the AUXEN inputs (if the fault occurred on
the AUX outputs), or by cycling both ON and AUXEN (if faults
occurred on both the MAIN and AUX outputs). A fault condi-
tion can alternatively be cleared under SMI control of the
ENABLE bits in the CNTRL[A/B] registers (See Register Bits
D[1:0]). When the circuit breaker trips, /FAULT[A/B] will be
asserted if the outputs were enabled through the Hot Plug
Interface inputs. At the same time, /INT will be asserted
(unless interrupts are masked). Note that /INT is de-asserted
by writing a Logic 1 back into the respective fault bit position(s)
in the STAT[A/B] register or the Common Status Register.
The response time (t
FLT) of the MIC2593’s primary overcur-
rent detector is set by external capacitors at the CFILTER[A/B]
pins to GND. For Slot A, CFILTER[A] is located at Pin 2; for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com