Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 23 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 18Page - STMicroelectronics MIC2593 Datasheet HTML 19Page - STMicroelectronics MIC2593 Datasheet HTML 20Page - STMicroelectronics MIC2593 Datasheet HTML 21Page - STMicroelectronics MIC2593 Datasheet HTML 22Page - STMicroelectronics MIC2593 Datasheet HTML 23Page - STMicroelectronics MIC2593 Datasheet HTML 24Page - STMicroelectronics MIC2593 Datasheet HTML 25Page - STMicroelectronics MIC2593 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
April 2004
23
M9999-042204
MIC2593
Micrel
50ms before the MIC2593 circuit breaker trips. During that
time, the dissipation in the MOSFET is given by:
P = E
× I; E
MOSFET = [5V–5A(0.6Ω)] = 2V
P
MOSFET = (2V × 5A) = 10W for 50ms
At first glance, it would appear that a really hefty MOSFET is
required to withstand this sort of fault condition. This is where
the transient thermal impedance curves become very useful.
Figure 13 shows the curve for the Vishay (Siliconix) Si4430DY,
a commonly used SO-8 power MOSFET.
Taking the simplest case first, we’ll assume that once a fault
event such as the one in question occurs, it will be a long time,
several seconds, before the fault is isolated and the channel
is reset. In such a case, we can approximate this as a “single
pulse” event, that is to say, there’s no significant duty cycle.
Then, reading up from the X-axis at the point where “Square
Wave Pulse Duration” is equal to 0.1sec (=100msec), we see
that the Zθ(J-A) of this MOSFET to a highly infrequent event of
this duration is only 7% of its continuous Rθ(J-A).
This particular part is specified as having an Rθ(J-A) of
35
°C/W for intervals of 10 seconds or less. Thus:
Assume T
A = 55°C maximum, 1 square inch of copper at the
drain leads, no airflow.
Recalling from our previous approximation hint, the part has
an R
ON of (0.014/2) = 7mΩ at 25°C.
Assume it has been carrying just about 5A for some time.
When performing this calculation, be sure to use the highest
anticipated ambient temperature (T
A(MAX)) in which the
MOSFET will be operating as the starting temperature, and
find the operating junction temperature increase (
∆T
J) from
that point. Then, as shown next, the final junction temperature
is found by adding T
A(MAX) and ∆TJ. Since this is not a closed-
form equation, getting a close approximation may take one or
two iterations, but it’s not a hard calculation to perform and
tends to converge quickly.
Then the starting (steady-state)T
J is:
T
J ≅ TA(MAX) + ∆TJ
≅ T
A(MAX) + [RON + (TA(MAX) – TA)(0.005/°C)(RON)]
× I2 × Rθ(J-A)
T
J ≅ 55°C + [7mΩ + (55°C–25°C)(0.005)(7mΩ)]
× (5A)2 × (35°C/W)
T
J ≅ (55°C + (0.20125W)(35°C/W)
≅ 62.0°C
Iterate the calculation once to see if this value is within a few
percent of the expected final value. For this iteration we will
start with T
J equal to the already calculated value of 62.0°C:
T
J ≅ TA + [7mΩ + (62.0°C-25°C)(0.005)(7mΩ)]
× (5A)2 × (35°C/W)
T
J ≅ ( 55°C + (0.21008W)(35°C/W) ≅ 62.35°C
So our original approximation of 62.0
°C was very close to the
correct value. We will use T
J = 62°C.
Finally, add (10W)(35
°C/W)(0.07) = 24.5°C to the steady-state
T
J to get TJ(TRANSIENT MAX.) = 86.5°C. This is an acceptable
maximum junction temperature for this part.
10-4
10-3
10-2
10-1
1
10
100
600
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Imperance, Juction-to-Ambient
1. Duty Cycle, D =
2. Per Unit Base = RθJA = 67°C/W
3. T
JM – TA = PDMZ
θJA
(t)
4. Surface Mounted
t1
t2
t1
t2
Notes:
PDM
Square Wave Pulse Duration (sec)
Figure 13. Si4430DY MOSFET Transient Thermal Impedance Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com