Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 8 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 4Page - STMicroelectronics MIC2593 Datasheet HTML 5Page - STMicroelectronics MIC2593 Datasheet HTML 6Page - STMicroelectronics MIC2593 Datasheet HTML 7Page - STMicroelectronics MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics MIC2593 Datasheet HTML 10Page - STMicroelectronics MIC2593 Datasheet HTML 11Page - STMicroelectronics MIC2593 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MIC2593
Micrel
M9999-042204
8
April 2004
Electrical Characteristics (continued)(5)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
THILIMIT
Current Limit Threshold Voltage
5V[A/B] Supplies
V
5VIN[A/B] – V5VSENSE[A/B]
35
50
65
mV
3.3V[A/B] Supplies
V
3VIN[A/B] – V3VSENSE[A/B]
35
50
65
mV
V
THFAST
Fast-Trip Current Limit Thresholds
5V[A/B] and 3V[A/B]
MIC2593-2BTQ
90
113
135
mV
MIC2593-5BTQ
Disabled
I
5VSENSE[A/B]
5VSENSE[A/B] Input Current
V
5VIN[A/B] – V5VIN[A/B] = 50mV
(6)
0.5
µA
I
3VSENSE[A/B]
3VSENSE[A/B] Input Current
V
3VIN[A/B] – V3VIN[A/B] = 50mV
(6)
0.5
µA
V
IL
LOW-Level Input Voltage
0.8
V
ON[A/B], AUXEN[A/B], GPI[A/B],
SCL, SDA, A[0-2]
V
OL
Output LOW Voltage
I
OL = 3mA
0.4
V
/FAULT[A/B], /INT, SDA
V
IH
HIGH-Level Input Voltage
2.1
V
ON[A/B], AUXEN[A/B], GPI[A/B],
SCL, SDA, A[0-2]
R
PULL-UP
Internal Pullups from A[0-2] to V
STBY
40
k
Ω
I
LKG,OFF(12VIN[A/B])
12VIN[A/B] Input Leakage Current
V
STBY[A/B] = +3.3V
1
µA
12V
IN[A/B] = OFF
(6)
I
LKG,OFF(12MVIN[A/B])
12MVIN[A/B] Input Leakage Current
V
STBY[A/B] = +3.3V
60
µA
12MV
IN[A/B] = OFF
(6)
I
LKG,OFF(5VIN[A/B])
5VIN[A/B] Input Leakage Current
V
STBY[A/B] = +3.3V
200
µA
5V
IN[A/B] = OFF
(6)
I
LKG,OFF(3VIN[A/B])
3VIN[A/B] Input Leakage Current
V
STBY[A/B] = +3.3V
1
µA
3V
IN[A/B] = OFF
(6)
I
IL
Input Leakage Current
±5
µA
SCL, ON[A/B], AUXEN[A/B], GPI[A/B]
I
LKG(OFF)
Off-State Leakage Current
±5
µA
SDA, /FAULT[A/B], /INT
T
OV
Overtemperature Shutdown & Reset
T
J Increasing, each slot
(7)
140
°C
Thresholds, with Overcurrent on Slot
T
J Decreasing, each slot
(7)
130
°C
Overtemperature Shutdown & Reset
T
J Increasing, both slots
(7)
160
°C
Thresholds, all Other Conditions
T
J Decreasing, both slots
(7)
150
°C
(All Outputs will Latch OFF)
Output MOSFET Resistance
R
ON(12V)
+12V MOSFET
I
DS = 500mA, TJ = 125°C
500
m
Ω
R
ON(12MV)
–12V MOSFET
I
DS = 100mA, TJ = 125°C
2
Ω
RON(AUX)
VAUX MOSFET
I
DS = 375mA, TJ = 125°C
400
m
Ω
Off-State Output Offset Voltage
V
OFF(12V)
12VOUT[A/B]
12V
OUT[A/B] = Off, TJ = 125°C
50
mV
V
OFF(12MV)
12MVOUT[A/B]
12MV
OUT[A/B] = Off, TJ = 125°C
–50
mV
VOFF(VAUX)
VAUX[A/B]
V
AUX[A/B] = Off, TJ = 125°C
50
mV
Current Limit Slow Trip Threshold
I
LIM(12V)
+12V MOSFET
12V
OUT[A/B] = 0V
0.52
1.0
1.5
A
ILIM(12MV)
–12V MOSFET
12MV
OUT[A/B] = 0V
–0.11
–0.2
–0.3
A
Current Limit Fast-Trip Threshold
MIC2593-2BTQ
I
FASTLIM(12V)
+12V MOSFET
12V
OUT[A/B]
1.0
2.15
3.0
A
I
FASTLIM(12MV)
–12V MOSFET
12MV
OUT[A/B]
–0.20
–0.45
–0.6
A
Notes:
5.
Specification for packaged product only.
6.
Schottky diode clamp used for –12VIN[A/B] power bus. See the typical applications circuit.
7.
Parameters guaranteed by design. Not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com