Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 11Page - STMicroelectronics MIC2593 Datasheet HTML 12Page - STMicroelectronics MIC2593 Datasheet HTML 13Page - STMicroelectronics MIC2593 Datasheet HTML 14Page - STMicroelectronics MIC2593 Datasheet HTML 15Page - STMicroelectronics MIC2593 Datasheet HTML 16Page - STMicroelectronics MIC2593 Datasheet HTML 17Page - STMicroelectronics MIC2593 Datasheet HTML 18Page - STMicroelectronics MIC2593 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
April 2004
15
M9999-042204
MIC2593
Micrel
MIC2593 Register Set and Programmer’s Model
Target Register
Command Byte Value
Power-On
Default
Label
Description
Read
Write
RESERVED
Do not Use
00
h
n/a
n/a
RESERVED
Do not Use
01
h
n/a
n/a
CNTRLA
Control Register Slot A
02
h
02
h
00
h
CNTRLB
Control Register Slot B
03
h
03
h
00
h
STATA
Slot A Status
04
h
04
h
00
h
STATB
Slot B Status
05
h
05
h
00
h
CS
Common Status Register
06
h
06
h
xxxx 0000
b
Reserved
Reserved / Do Not Use
07
h - FFh
07
h - FFh
Undefined
Table 4. MIC2593 Register Addresses
S 1001 A2 A1 A0 0 A 000000 X X A
D4
D5
D6
D3 D2 D1 D0
D7
AP
MIC2593 Slave Address
DATA
CLK
Command Byte to MIC2593
Data Byte to MIC2593
START
STOP
R/W = WRITE
ACKNOWLEDGE
ACKNOWLEDGE
ACKNOWLEDGE
Master to slave transfer,
i.e., DATA driven by master.
Slave to master transfer,
i.e., DATA driven by slave.
Figure 9. WRITE_BYTE Protocol
S 1001 A2 A1 A0
A2 A1 A0
0 A 000000 XXAS 1
1
1
00
D4
D5
D6
D3 D2 D1 D0
A D7
/A P
MIC2593 Slave Address
DATA
CLK
Command Byte to MIC2593
MIC2593 Slave Address
Data Read From MIC2593
START
START
STOP
R/W = WRITE
R/W = READ
ACKNOWLEDGE
ACKNOWLEDGE
ACKNOWLEDGE
NOT ACKNOWLEDGE
Master to slave transfer,
i.e., DATA driven by master.
Slave to master transfer,
i.e., DATA driven by slave.
Figure 10. READ_BYTE Protocol
S 1001 A2 A1 A0 1A
D4
D5
D6
D3 D2 D1 D0
D7
/A P
MIC2593 Slave Address
DATA
CLK
Byte Read from MIC2593
START
STOP
R/W = READ
ACKNOWLEDGE
NOT ACKNOWLEDGE
Master to slave transfer,
i.e., DATA driven by master.
Slave to master transfer,
i.e., DATA driven by slave.
Figure 11. RECEIVE_BYTE Protocol
Inputs
MIC2593 Slave Address
A2
A1
A0
Binary
Hex
0
0
0
1000 000
b
80
h
0
0
1
1000 001
b
82
h
0
1
0
1000 010
b
84
h
0
1
1
1000 011
b
86
h
1
0
0
1000 100
b
88
h
1
0
1
1000 101
b
8A
h
1
1
0
1000 110
b
8C
h
1
1
1
1000 111
b
8E
h
Table 3. MIC2593 SMBus Addressing
dure may be used. To perform a Receive_Byte operation, the
host sends an address byte to select the slave MIC2593, with
the R/W bit set to the high (read) state, and then retrieves the
data byte. Figures 9 through 11 show the formats for these
data read and data write procedures.
The Command Register is eight bits (one byte) wide. This
byte carries the address of the MIC2593’s register to be
operated upon. The command byte values corresponding to
the various MIC2593 register addresses are shown in Table
4. Command byte values other than 0000 0XXX
b = 00h - 07h
are reserved and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com