Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 25 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 18Page - STMicroelectronics MIC2593 Datasheet HTML 19Page - STMicroelectronics MIC2593 Datasheet HTML 20Page - STMicroelectronics MIC2593 Datasheet HTML 21Page - STMicroelectronics MIC2593 Datasheet HTML 22Page - STMicroelectronics MIC2593 Datasheet HTML 23Page - STMicroelectronics MIC2593 Datasheet HTML 24Page - STMicroelectronics MIC2593 Datasheet HTML 25Page - STMicroelectronics MIC2593 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
April 2004
25
M9999-042204
MIC2593
Micrel
Gate Capacitor and Resistor Guidelines
The MIC2593 controls four external power MOSFETs, that
handle the high currents for each of the two 3.3V and 5V
outputs. A capacitor is connected in the application circuit
from each GATE pin of the MIC2593 to ground. However, an
external capacitor, C
GATE, is not required for operation of the
MIC2593. Each C
GATE controls the ramp-up rate of its
respective power output (e.g., 5VOUTB). These capacitors,
which are typically in the 10nF range, cause the GATE
outputs of the MIC2593 to have very low AC impedances to
ground at any significant frequency. It is therefore necessary
to place a modest value of gate damping resistance (R
GATE)
between each C
GATE and the gate of its associated MOSFET
as shown in Figure 15. These resistances prevent high-
frequency MOSFET source-follower oscillations from occur-
ring. The exact value of the resistors used is not critical; 10
Ω
to 33
Ω is usually a sufficient choice. Each R
GATE should be
physically located directly adjacent to the MOSFET gate lead
to which it connects.
MIC2593
GATE
RGATE
15
Ω
CGATE
10nF
External
MOSFET
Figure 15. C
GATE and RGATE Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com