Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 13Page - STMicroelectronics MIC2593 Datasheet HTML 14Page - STMicroelectronics MIC2593 Datasheet HTML 15Page - STMicroelectronics MIC2593 Datasheet HTML 16Page - STMicroelectronics MIC2593 Datasheet HTML 17Page - STMicroelectronics MIC2593 Datasheet HTML 18Page - STMicroelectronics MIC2593 Datasheet HTML 19Page - STMicroelectronics MIC2593 Datasheet HTML 20Page - STMicroelectronics MIC2593 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
April 2004
17
M9999-042204
MIC2593
Micrel
Control Register, Slot B (CNTRLB)
8-Bits, Read/Write
Control Register, Slot B (CNTRLB)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read only
read only
read-only
read-only
read/write
read/write
AUXBPG
MAINBPG
Reserved
Reserved
Reserved
Reserved
MAINB
VAUXB
Bit(s)
Function
Operation
AUXBPG
AUX output power-good status, Slot B
1 = Power-is-Good
(VAUXB Output is above its UVLO threshold)
MAINBPG
MAIN output power-good status, Slot B
1 = Power-is-Good
(MAINB Outputs are above their UVLO
thresholds)
D[5]
Reserved
Always read as zero
D[4]
Reserved
Always read as zero
D[3]
Reserved
Always read as zero
D[3]
Reserved
Always read as zero
MAINB
MAIN enable control, Slot B
0 = Off, 1 = On
VAUXB
VAUX enable control, Slot B
0 = Off, 1 = On
Power-Up Default Value: 0000 0000
b = 00h
Command_Byte Value (R/W): 0000 0011
b = 03h
The power-up default value is 00
h. Slot is disabled upon power-up, i.e., all supply outputs are off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com