Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 3Page - STMicroelectronics MIC2593 Datasheet HTML 4Page - STMicroelectronics MIC2593 Datasheet HTML 5Page - STMicroelectronics MIC2593 Datasheet HTML 6Page - STMicroelectronics MIC2593 Datasheet HTML 7Page - STMicroelectronics MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics MIC2593 Datasheet HTML 10Page - STMicroelectronics MIC2593 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
April 2004
7
M9999-042204
MIC2593
Micrel
Absolute Maximum Ratings(1)
Supply Voltage
12VIN ...................................................................... +14V
12MVIN ................................................................... –14V
5VIN .......................................................................... +7V
3VIN, VSTBY ............................................................ +7V
Any Logic Pin ............................................ –0.5V to 3.6V
Output Current (/FAULT[A/B], /INT, SDA) .................. 10mA
Lead Temperature
IR Reflow, Peak Temperature ................... 240 0
°C/–5°C
Storage Temperature ............................... –65
°C to +150°C
ESD Rating(3)
Human Body Model ................................................... 2kV
Machine Model ........................................................ 200V
Operating Ratings(2)
Supply Voltage
12VIN ................................................ +11.65V to +12.6V
12MVIN ............................................... –11.0V to –13.2V
5VIN .................................................... +4.85V to +5.25V
3VIN ........................................................ +3.1V to +3.6V
VSTBY .................................................. +3.15V to +3.6V
Ambient Temperature (T
A) ............................. 0°C to +70°C
Junction Temperature (T
J) ........................................ 125°C
Package Thermal Resistance
TQFP
(θ
JA) ....................................................... 56.5°C/W
Electrical Characteristics(4)
12V
IN[A/B] = 12V, 12MVIN[A/B] = –12V, 5VIN[A/B] = 5V, 3VIN[A/B] = 3.3V; VSTBY[A/B] = 3.3V, TA = 25°C; unless otherwise noted. Bold
indicates specification applies over the full operating temperature range from 0
°C to +70°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Control and Logic Sections
I
CC12V
Supply Currents
0.6
2.0
mA
I
CC5V
1.2
2.0
mA
I
CC3.3V
0.5
0.7
mA
I
CC12MV
–1.0
–2.0
mA
I
CCVSTBY
2.5
5.0
mA
Undervoltage Lockout Thresholds
V
UVLO(12V)
12VIN[A/B]
12V
IN increasing
8
9
10
V
V
UVLO(3V)
3VIN[A/B]
3V
IN increasing
2.2
2.5
2.75
V
V
UVLO(5V)
5VIN[A/B]
5V
IN increasing
3.7
4.0
4.3
V
V
UVLO(12MV)
12MVIN[A/B]
12MV
IN decreasing
–10
–9
–8
V
V
UVLO(STBY)
VSTBY[A/B]
V
STBY increasing
2.8
2.9
3.0
V
V
HYSUV
Undervoltage Lockout Hysteresis
180
mV
12VIN, 12MVIN, 5VIN, 3VIN
V
HYSSTBY
Undervoltage Lockout Hysteresis
50
mV
VSTBY
Power-Good Undervoltage Threshold
V
UVTH(12V)
12VOUT[A/B]
12V
OUT[A/B] decreasing
10.2
10.5
10.8
V
V
UVTH(12MV)
12MVOUT[A/B]
12MV
OUT[A/B] increasing
–10.8
–10.6
–10.2
V
V
UVTH(3V)
3VOUT[A/B]
3V
OUT[A/B] decreasing
2.7
2.8
2.9
V
V
UVTH(5V)
5VOUT[A/B]
5V
OUT[A/B] decreasing
4.4
4.5
4.7
V
V
UVTH(VAUX)
VAUX[A/B]
V
AUX[A/B] decreasing
2.7
2.8
2.9
V
V
HYSPG
Power-Good Detect Hysteresis
30
mV
V
GATE
5VGATE/3VGATE Voltage
12V
IN-1.5
12V
IN
V
I
GATE(SOURCE)
5VGATE/3VGATE Charge
Start cycle
15
25
35
µA
Current
I
GATE(SINK)
5VGATE/3VGATE Sink Current
Any fault condition
70
mA
(Fault Off)
V
GATE = 5V
V
FILTER
CFILTER Threshold Voltage
1.20
1.25
1.30
V
I
FILTER
CFILTER[A/B] Charge Current
V
5VIN[A/B] – V5VSENSE[A/B] > VTHILIMIT
1.80
2.5
5.0
µA
V
5VIN[A/B] – V5VSENSE[A/B] > VTHILIMIT
I
SLEW
12VSLEW[A/B] Charge Current
During turn-on only
13
22
35
µA
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Devices are ESD sensitive. Employ proper handling precautions. Human body model, 1.5k
Ω in series with 100pF.
4.
Specification for packaged product only.
and/or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com