Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 14 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 10Page - STMicroelectronics MIC2593 Datasheet HTML 11Page - STMicroelectronics MIC2593 Datasheet HTML 12Page - STMicroelectronics MIC2593 Datasheet HTML 13Page - STMicroelectronics MIC2593 Datasheet HTML 14Page - STMicroelectronics MIC2593 Datasheet HTML 15Page - STMicroelectronics MIC2593 Datasheet HTML 16Page - STMicroelectronics MIC2593 Datasheet HTML 17Page - STMicroelectronics MIC2593 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MIC2593
Micrel
M9999-042204
14
April 2004
/INT*
/FAULT_[A/B]
IMAIN_OUT[A/B]
MAIN_OUT[A/B]
IAUX_OUT[A/B]
AUX_OUT[A/B]
AUXEN[A/B]
0
V
IH
V
IH
V
IL
V
IH
I
LIM(AUX)
I
STEADY-STATE
I
LIM(MAIN)
I
STEADY-STATE
ON[A/B]
0
0
0
0
0
0
0
V
IH
V
IL
+3.3V
tPOR
VSTBY
UVLO
tFLT
tFLT
**
* /INT de-asserted by software
Figure 8. Hot Plug Interface Operation
HPI-only Control Applications
In applications where the MIC2593 is controlled only by the
HPI, SMBus signals SCL, SDA, and /INT signals are con-
nected to VSTBY as shown in Figure 6. In this configuration,
the MIC2593’s /FAULT[A/B] outputs are activated after power-
on-reset and become asserted when:
Either or both external ON[A/B] and AUXEN[A/B] input sig-
nals are asserted, AND
• 12VIN[A/B], 12MVIN[A/B], 5VIN[A/B], 3VIN[A/B],
or VSTBY[A/B] input voltage is lower than its
respective ULVO threshold, OR
• The fast OC circuit breaker[A/B] has tripped, OR
• The slow OC circuit breaker[A/B] has tripped AND
its filter timeout[A/B] has expired, OR
• The slow OC circuit breaker[A/B] has tripped AND
Slot[A/B] die temperature exceeds 140
°C, OR
• The MIC2593’s global die temperature exceeds
160
°C
In order to clear /FAULT[A/B] outputs once asserted, ON[A/B]
and/or AUXEN[A/B] input signals must be de-asserted. Please
see the /FAULT[A/B] pin description for additional informa-
tion.
Hot Plug Interface (HPI) Operation
Once the input supplies are above their respective UVLO
thresholds, the Hot Plug Interface can be utilized for power
control by enabling the control input pins (AUXEN[A/B] and
ON[A/B]) for each slot. In order for the MIC2593 to switch on
the VAUX supply for either slot, the AUXEN[A/B] control must
be enabled after the power-on-reset delay, t
POR (typically
500
µs), has elapsed. The MAIN output supplies can also be
enabled after t
POR. The timing response diagram of Figure 8
illustrates a Hot Plug Interface operation where an overcur-
rent fault is detected by the MIC2593 controller after initiating
a power-up sequence. The figure illustrates the output re-
sponse of /FAULT, /INT, VAUX[A/B] supplies, and an exter-
nal MOSFET control MAIN[A/B] output supply, either 3.3V or
5V.
MIC2593 SMBus Address Configuration
The MIC2593 responds to its own unique address which is
assigned using A2, A1, and A0. These represent the 3 LSBs
of its 7-bit address, as shown in Table 3. These address bits
are assigned only during power up of the VSTBY[A/B] supply
input. These three bits allow up to eight MIC2593 devices in
a single system. These pins are either grounded or left
unconnected to specify a logical 0 or 1, respectively. A pin
designated as a logical 1 may also be pulled up to V
STBY.
Serial Port Operation
The MIC2593 uses standard SMBus Write_Byte and
Read_Byte operations for communication with its host. The
SMBus Write_Byte operation involves sending the device’s
slave address, with the R/W bit (LSB) set to the low (write)
state, followed by a command byte and a data byte. The
SMBus Read_Byte operation is similar, but is a composite
write and read operation: the host first sends the device’s
slave address followed by the command byte, as in a write
operation. A new “Start” bit must then be sent to the MIC2593,
followed by a repeat of the slave address with the R/W bit set
to the high (read) state. The data to be read from the part may
then be clocked out. There is one exception to this rule: If the
location latched in the pointer register from the last write
operation is known to be correct (i.e., points to the desired
register within the MIC2593), then the “Receive_Byte” proce-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com