Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 20 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 16Page - STMicroelectronics MIC2593 Datasheet HTML 17Page - STMicroelectronics MIC2593 Datasheet HTML 18Page - STMicroelectronics MIC2593 Datasheet HTML 19Page - STMicroelectronics MIC2593 Datasheet HTML 20Page - STMicroelectronics MIC2593 Datasheet HTML 21Page - STMicroelectronics MIC2593 Datasheet HTML 22Page - STMicroelectronics MIC2593 Datasheet HTML 23Page - STMicroelectronics MIC2593 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MIC2593
Micrel
M9999-042204
20
April 2004
Common Status Register (CS)
8-Bits, Read/Write
Common Status Register (CS)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-write
read-write
read-only
read-only
read-write
read-write
read-write
read-only
Reserved
Reserved
GPI_B
GPI_A
INTMSK
UV_INT
OT_INT
Reserved
Bit(s)
Function
Operation
D[7]
Reserved
Always read as zero
D[6]
Reserved
Always read as zero
GPI_B
General Purpose Input 0, Slot B
State of GPIB pin
GPI_A
General Purpose Input 0, Slot A
State of GPIA pin
INTMSK
Interrupt Mask
0 = /INT generation is enabled.
1 = /INT generation is disabled. The
MIC2593 does not participate in the SMBus
Alert Response Address (ARA) protocol.
UV_INT
Undervoltage Interrupt
0 = No UVLO fault
1 = UVLO fault
Set whenever a circuit breaker fault condition
occurs as a result of an undervoltage lockout
condition on one of the main supply inputs.
This bit is only set if a UVLO condition occurs
while the ON[A/B] pin is asserted or the
MAIN[A/B] control bits are set.
OT_INT
Overtemperature Interrupt
0 = Die Temp < 160
°C.
1 = Fault: Die Temp > 160
°C.
Set if a fault occurs as a result of the
MIC2593’s die temperature exceeding
160
°C.
D[0]
Reserved
Undefined.
Power-Up Default Value: 00000000
b = 00h
Command_Byte Value (R/W): 00000110
b = 06h
To reset the OT_INT and UV_INT fault bits, a logical 1 must be written back to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com