Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 28 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 28 Page - Amphenol Corporation

Back Button PT Datasheet HTML 24Page - Amphenol Corporation PT Datasheet HTML 25Page - Amphenol Corporation PT Datasheet HTML 26Page - Amphenol Corporation PT Datasheet HTML 27Page - Amphenol Corporation PT Datasheet HTML 28Page - Amphenol Corporation PT Datasheet HTML 29Page - Amphenol Corporation PT Datasheet HTML 30Page - Amphenol Corporation PT Datasheet HTML 31Page - Amphenol Corporation PT Datasheet HTML 32Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
26
Amphenol PT-SE, SP-SE, MS/PT-SE
Proprietary/MIL-DTL-26482, Series 1
bayonet coupling and crimp termination
Amphenol® SE crimp type miniature connectors provide
performance and versatility needed for applications
demanding high reliability and crimp removable contacts.
These crimp contacts are rear insertable/front release and
are held in position by an MS approved spring tower
retention system.
The MS/PT-SE Series is qualified to MIL-DTL-26482, Series 1 and has all the
outstanding design characteristics and quality of the PT Series.
The SP-SE Series is a modification of the PT-SE, providing special shells with a
wide mounting flange for back panel mounting.
A corrosion resistant electrically conductive finish of cadmium plate with an
olive drab chromate after-treatment is used on the PT-SE and MS/PT-SE. The
SP-SE is given a durable non-conductive hard anodic “Alumilite”® coating
which provides abrasion protection and resistance to corrosion.
500 hour corrosion resistance, RoHS compliant harsh environment conductive
plating. Gray Zinc over an Electroless Nickel (Gray ZnNi) base, with a Light Gun
Metal Gray appearance.
Shell components for these series are aluminum. The dependable 5 key/
keyway polarization with bayonet lock coupling assures positive mating with
no chance of cross plugging. Spring tension provided by a wave washer in the
coupling nut
ensures maintenance of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient neoprene.
This provides excellent moisture sealing at the gasket and superior electrical
isolation of the contact in the insert.
Both pins and sockets are machined from a copper alloy and are gold plated.
This gold plating eliminates contact corrosion and offers an indefinite shelf
life. Socket contacts for these series are closed entry design.
Breakaway style plug is available in PT-SE crimp.
The PT-SE, SP-SE and MS/PT-SE Series are intermateable and intermountable
with all existing Miniature Cylindrical Series connectors.
Refer to pages 4-10 for insert arrangement availability.
* This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
wall mounting
receptacle
cable
connecting
receptacle*
box mounting
receptacle
straight plug
jam nut
receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com