Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 52 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 52 Page - Amphenol Corporation

Back Button PT Datasheet HTML 44Page - Amphenol Corporation PT Datasheet HTML 45Page - Amphenol Corporation PT Datasheet HTML 46Page - Amphenol Corporation PT Datasheet HTML 47Page - Amphenol Corporation PT Datasheet HTML 48Page - Amphenol Corporation PT Datasheet HTML 49Page - Amphenol Corporation PT Datasheet HTML 50Page - Amphenol Corporation PT Datasheet HTML 51Page - Amphenol Corporation PT Datasheet HTML 52Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
50
Other Amphenol Miniature Cylindrical
Connectors
Geophysical Miniature Cylindricals
Designed for the Geophysical industry’s rugged
environments, the Amphenol® RPT Series connector
has custom features that provide reliability in extreme
temperature and moisture conditions.
The unique shell design provides stronger shells along
with an anodized (non-conductive) finish for greater
salt, corrosion and abrasion resistance. Coupling nuts
are manufactured with round detent holes and are sold
separately for greater customer flexibility.
See product data sheet #146.
RJ Field Bayonet Cylindricals
Amphenol PCD division provides MIL-DTL-26482 bayonet
coupling cylindrical connectors with an RJ45 Ethernet
interface*. These are designed for use in all levels of harsh
environments from industrial to mil-aero applications
providing IP67 protection from dust, fluids, vibration, shock
and traction. The Amphenol® RJ Field allows the use of
Ethernet Class D/Cat 5 and Cat 5e connections for 10 BaseT,
100 Base TX, or 1000 BaseT networks. It works with any
standard RJ45 cordset with no extra tooling. It also offers
reinforced EMI protection.
For more information go online to www.rjfield.com or ask for
the Field Series brochure.
* RJ Field Bayonet and other Field Series products are available through
Amphenol PCD. These include RJF TV within MIL-DTL-38999 Series III
threaded coupling connectors, and RJF 544 within ECTA push-pull plastic
shell coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com