Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 14 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 14 Page - Amphenol Corporation

Back Button PT Datasheet HTML 10Page - Amphenol Corporation PT Datasheet HTML 11Page - Amphenol Corporation PT Datasheet HTML 12Page - Amphenol Corporation PT Datasheet HTML 13Page - Amphenol Corporation PT Datasheet HTML 14Page - Amphenol Corporation PT Datasheet HTML 15Page - Amphenol Corporation PT Datasheet HTML 16Page - Amphenol Corporation PT Datasheet HTML 17Page - Amphenol Corporation PT Datasheet HTML 18Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
12
“A” general
duty
“E” (SR),
MS/”F”
strain relief
“E”,
MS/”E”
open wire seal
“P”
MS/ “P”
potting boot
“PG”
cable gland
seal
PT, SP Service Classes
PT and SP connectors are available in the service classes listed below.
Each class, with the exception of hermetic, offers one or more means of
terminating or supporting a cable or wire bundle.
“A”
General duty; back shell is threaded for conduit
attachment of MS3057 cable clamp
“A” (SR) General duty, with strain relief clamp for cable
or wire bundle support
“C”
Pressurized receptacle; less than 1 cu. in. per
hour leakage at 30 psi over a temperature
range of –65°F to +257°F
“E”
Environmental resistant connectors - supplied
with a multi-holed grommet and clamping
nut for moisture-proofing individual open
wires
“E” (SR) Environmental resistant strain relief clamp
and grommet for moisture proofing individual
wires; provides added wire bundle support
“P”
Translucent nylon boot for retaining customer-
applied potting compounds; held in
place by a threaded ring
“P” (SR) Strain relief clamp suitable for retaining customer
applied potting compounds, with provision
for wire support
“PG” Compressing cable gland for moisture proofing
jacketed cables.
“H”*
Hermetically sealed with compression glass
inserts (see pages 22-25)
Style with printed circuit board contacts- see page 20.
MS/PT Service Classes
The MS/PT Miniature connector is available in the following certified
service classes:
“E”
Environmental resistant connectors - supplied
with a multi-holed grommet and clamping
nut for moisture-proofing individual open wires
“F”
Grommet seal with strain relief clamp
“J”
Compressing clamp and neoprene gland for
moisture proofing multi-conductor jacketed
cable and strain relief. Telescoping sleeves
(MS 3420A) can be used to adapt to cables
smaller than minimum close-down.
“P”
Translucent nylon boot for retaining customer-
applied potting compounds; held in
place by a threaded ring
Amphenol PT, SP, MS/PT
Proprietary/MIL-DTL-26482, Series 1
bayonet coupling and solder termination, cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com