Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 18 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 18 Page - Amphenol Corporation

Back Button PT Datasheet HTML 14Page - Amphenol Corporation PT Datasheet HTML 15Page - Amphenol Corporation PT Datasheet HTML 16Page - Amphenol Corporation PT Datasheet HTML 17Page - Amphenol Corporation PT Datasheet HTML 18Page - Amphenol Corporation PT Datasheet HTML 19Page - Amphenol Corporation PT Datasheet HTML 20Page - Amphenol Corporation PT Datasheet HTML 21Page - Amphenol Corporation PT Datasheet HTML 22Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
16
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS/”F”
Class “e”,
MS/”E”
Class “P”, MS/”P”
Class “J”
Class “PG”
C
Thread
D
Min.
G
Max.
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
N
Max.
XL
Max.
B
Thread
L
Max.
Closed
Free
6
-
-
-
-
-
-
1.266
.440
.192
1.438
.484
-
-
-
-
-
-
8
6-32
.240
.125
.812
1.922
.550
1.266
.560
.317
1.438
.608
.168
.230
.547
2.271
M12x1.5-6H
.936
10
6-32
.302
.188
.875
1.922
.675
1.266
.685
.434
1.438
.734
.205
.312
.675
2.271
M16x1.5-6H
.936
12
6-32
.428
.312
1.000
1.922
.803
1.266
.813
.548
1.438
.858
.338
.442
.812
2.411
M16x1.5-6H
.936
14
6-32
.552
.375
1.125
1.922
.920
1.266
.930
.673
1.438
.984
.416
.539
.940
2.599
M18x1.5-6H
.936
16
6-32
.615
.500
1.188
2.047
1.047
1.266
1.057
.798
1.438
1.110
.550
.616
1.067
2.943
M22x1.5-6H
.936
18
8-32
.740
.625
1.438
2.078
1.165
1.266
1.175
.899
1.438
1.234
.600
.672
1.194
3.172
M25x1.5-6H
.936
20
8-32
.740
.625
1.438
2.344
1.290
1.516
1.301
1.024
1.656
1.360
.635
.747
1.322
3.610
M25x1.5-6H
1.180
22
8-32
.928
.750
1.625
2.344
1.418
1.516
1.430
1.149
1.656
1.484
.670
.846
1.449
3.766
M32x1.5-6H
1.180
24
8-32
.990
.800
1.719
2.406
1.543
1.578
1.555
1.274
1.717
1.610
.740
.894
1.576
3.985
M32x1.5-6H
1.180
PT06 (MS3116)
SP06
straight plug
S
To complete part number see how to order on page 25.
Shell
Size
Plug Front View
Plug Side View
Class “A”
S
Max.
J
L
Max.
Q Thread
Class 2A
Z
Max.
D
Min.
L
Max.
N
Max.
V Thread
Class A
6
.625
.353
.906
.3125-32 NEF
.594
.175
1.609
.462
1.4375-18 NEF
8
.750
.353
.906
.4375-28 UNEF
.594
.297
1.609
.590
.5000-28 UNEF
10
.859
.353
.906
.5625-24 NEF
.594
.421
1.609
.717
.6250-24 NEF
12
1.013
.353
.906
.6875-24 NEF
.594
.546
1.609
.834
.7500-20 UNEF
14
1.156
.353
.906
.8125-20 UNEF
.594
.663
1.609
.970
.8750-20 UNEF
16
1.281
.353
.906
.9375-20 UNEF
.594
.787
1.609
1.088
1.0000-20 UNEF
18
1.391
.353
.906
1.0625-18 NEF
.594
.879
1.609
1.216
1.1875-18 NEF
20
1.531
.415
1.062
1.1875-18 NEF
.672
1.014
1.656
1.332
1.1875-18 NEF
22
1.656
.415
1.062
1.3125-18 NEF
.672
1.135
1.656
1.460
1.4375-18 NEF
24*
1.776
.415
1.125
1.4375-18 NEF
.672
1.259
1.750
1.587
1.4375-18 NEF
All dimensions for reference only.
N
D
.375 MIN
V
L
G
L
C
N
D H
L
N
N
L
D
TERMINATION ASSEMBLIES
“A” General Duty
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
“E” Open Wire Seal
“P” Potting Boot
PT06A-XX-XXX
SP06A-XX-XXX
PTG06A-XX-XXX
PT06A-XX-XXX (SR)
SP06A-XX-XXX (SR)
PTG06A-XX-XXX (SR)
PT06E-XX-XXX (SR)
SP06E-XX-XXX (SR)
PTG06E-XX-XXX (SR)
PT06P-XX-XXX (SR)
SP06P-XX-XXX (SR)
PTG06P-XX-XXX (SR)
MS3116F-XX-XXX
PT06E-XX-XXX
SP06E-XX-XXX
PTG06E-XX-XXX
MS3116E-XX-XXX
PT06P-XX-XXX
SP06P-XX-XXX
PTG06P-XX-XXX
MS3116P-XX-XXX
PURCHASED
RELEASED / Dec . 21 2015, 2:09:12 PM
“PG” Cable Gland Seal
PT06PG-XX-XXX
ND
L
ND
XL
“J” Cable Seal
MS3116J-XX-XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com