Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 5 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 5 Page - Amphenol Corporation

  PT Datasheet HTML 1Page - Amphenol Corporation PT Datasheet HTML 2Page - Amphenol Corporation PT Datasheet HTML 3Page - Amphenol Corporation PT Datasheet HTML 4Page - Amphenol Corporation PT Datasheet HTML 5Page - Amphenol Corporation PT Datasheet HTML 6Page - Amphenol Corporation PT Datasheet HTML 7Page - Amphenol Corporation PT Datasheet HTML 8Page - Amphenol Corporation PT Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
3
Amphenol Miniature Cylindrical
connector selection guide
CHARACTERISTICS
Solder
Crimp
PT
MS/PT
SP
MS/ PT-SE
PT-SE
Intermateable
†
O
O
O
O
O
Contacts
Solder
•
•
•
Crimp Ri/FR
•
•
Contact Retention System
Non-Removable
•
•
•
Removable
•
•
Coupling
Bayonet
•
•
•
•
•
Standard Finishes
††
Olive Drab Cadmium (003)
•
•
•
•
Anodic Coated (005)
•
Temperature Range
Resilient Dielectric (-55
°C to +125°C)
•
•
•
•
•
Wide Mounting Flange
•
Hermetic Seal
•
•
•
SHELL STYLE AVAILABILITY
Wall Mounting Receptacle “00”
•
•
•
•
**•
Cable Connecting Receptacle “01”***
•
•
•
•
Box Mounting Receptacle “02”
*•
•
•
•
**•
Straight Plug “06”
•
•
•
•
•
Jam Nut receptacle “07”
*•
* •
•
•
•
thru-bulkhead Receptacle “TB”
•
•
Solder Mount Receptacle “I”
*•
* •
90
° Plug “08”
•
•
•
The accompanying chart is provided to assist the user in selecting the appropriate type of miniature connector to
meet the application requirements. Further information can be found in specific sections of this catalog.
RI/FR = Rear Insertion/Front Releasable
† o intermates with o
†† Optional finishes available. See “how to order” sections.
* Available in hermetic version
** Dual mounting holes
*** This connector style is sometimes referred to as a cable connecting “plug.”
It does, however, mate with either a straight or 90 degree plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com