Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 45 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 45 Page - Amphenol Corporation

Back Button PT Datasheet HTML 41Page - Amphenol Corporation PT Datasheet HTML 42Page - Amphenol Corporation PT Datasheet HTML 43Page - Amphenol Corporation PT Datasheet HTML 44Page - Amphenol Corporation PT Datasheet HTML 45Page - Amphenol Corporation PT Datasheet HTML 46Page - Amphenol Corporation PT Datasheet HTML 47Page - Amphenol Corporation PT Datasheet HTML 48Page - Amphenol Corporation PT Datasheet HTML 49Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
43
Contacts - Power and Thermocouple Crimp
for miniature cylindrical connectors
The following tables provide part number information for crimp contacts used in Amphenol® Miniature Cylindrical
Connectors. For additional information, consult Amphenol, Sidney, NY.
CRIMP CONTACTS for MIL-DTL-26482, Series 1
(PT-SE, SP-SE) Connectors
Contact Size
Accommodates
Wire Size
Pins
Sockets
MS Number
Amphenol
®
Proprietary
Number
MS Number
Amphenol
®
Proprietary
Number
20
20, 22 & 24
AWG
M39029/31-240
10-683787-20P
M39029/32-259
10-731210-3D1
16
16, 18 & 20
AWG
M39029/31-228
10-683788-16P
M39029/32-247
10-679379-16D
12
12 & 14 AWG
M39029/31-235
10-807100-125
M39029/32-254
10-807103-125
20-16
16 AWG
10-330930-20F
10-807155-205
16-20
20 AWG
10-330932-16F
10-330933-16F
12-10
12 AWG
10-330938-12F
10-330939-12F
THERMOCOUPLE CONTACTS for Miniature Connectors
Size
Material
Pins
Proprietary Part Number
Sockets
Proprietary Part Number
SE
SE
16 Crimp Termination
Chromel
10-330940-21P
10-330940-21S
Alumel
10-330940-22P
10-330940-22S
20 Crimp Termination
Chromel
10-330940-1P
10-330940-1S
Alumel
10-330940-2P
10-330940-2S
Iron
10-330940-3P
10-330940-3S
Constantan
10-330940-4P
10-330940-4S
See L-776 for thermocouple contact termination instructions. These are online at www.amphenol-industrial.com
For PCB contacts for miniature connectors, see page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com