Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 46 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 46 Page - Amphenol Corporation

Back Button PT Datasheet HTML 42Page - Amphenol Corporation PT Datasheet HTML 43Page - Amphenol Corporation PT Datasheet HTML 44Page - Amphenol Corporation PT Datasheet HTML 45Page - Amphenol Corporation PT Datasheet HTML 46Page - Amphenol Corporation PT Datasheet HTML 47Page - Amphenol Corporation PT Datasheet HTML 48Page - Amphenol Corporation PT Datasheet HTML 49Page - Amphenol Corporation PT Datasheet HTML 50Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
44
Coaxial Contacts
for miniature cylindrical connectors
Amphenol® Miniature Connectors can incorporate shielded coax
contacts. The Miniature family is built around MIL-DTL-26482
specifications, with Mil-approved and proprietary styles offered.
Normal operating voltage for Miniature cylindricals with power only
contacts is up to 1,000 VAC (RMS) at sea level.
Table 1: Miniature Cylindricals offer these features for contact
termination
flexibility:
•
Several insert arrangements that can incorporate:
•
Size 8 & 12 Crimp Coax contacts for Crimp type
•
Size 8 & 12 Solder Coax contacts for Solder type
•
Wide selection of connector shell styles and sizes
•
Standard power contact options within the various connector
styles include: solder type, crimp front release, crimp rear release
•
Coax contacts are designed to the same high performance
standards as power contacts. Coax and power contacts may be
intermixed with no degradation of connector reliability.
•
No mis-mating or cross-plugging with insert rotation and keyway
polarization.
Table 2: GENERAL ORDERING INFORMATION
Amphenol Miniature Cylindricals are normally supplied with a full
complement of power contacts, separately packaged. Coax contacts
are ordered by part number as referenced in the part number charts
on the following pages of this catalog, and are substituted for the
power contacts at the time of the cable or equipment assembly. If
the application is for coax only, the connector may be ordered less
contacts and no power contacts will be supplied.
Installation instructions for the coax contacts for Miniature
Connectors are provided in Amphenol documents as follows: L-633 for
solder type; L-613 for SE type.
HOW TO ORDER:
A.
Select the coax contacts designed for the cable being used
from the applicable charts in this catalog for each Miniature
type (solder, SE).
B.
Select a connector insert from those shown on pages 4-5
which will accommodate the quantity and size of coaxial
contacts needed plus any power contacts required. Note:
Size 8S and 12S contacts are used with connector inserts
through shell size 18 only. For larger connector shell sizes,
use size 8L contacts.
C.
Determine the Miniature Cylindrical type, shell style, finish,
service class and insert rotation required for your application.
D.
Consult Amphenol, Sidney NY with the pertinent cable,
contact, insert arrangement and connector style choices for
complete connector part number.
Solder Coax Contact
for use in Miniature Solder Type Connectors
Pin Crimp Coax Contact
for use in Miniature Crimp SE Type Connectors
Socket Crimp Coax Contact
for use in Miniature Crimp SE Type Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com