Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 10 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button PT Datasheet HTML 6Page - Amphenol Corporation PT Datasheet HTML 7Page - Amphenol Corporation PT Datasheet HTML 8Page - Amphenol Corporation PT Datasheet HTML 9Page - Amphenol Corporation PT Datasheet HTML 10Page - Amphenol Corporation PT Datasheet HTML 11Page - Amphenol Corporation PT Datasheet HTML 12Page - Amphenol Corporation PT Datasheet HTML 13Page - Amphenol Corporation PT Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
8
Amphenol Miniature Cylindrical
insert arrangements
A
C
B
A
D
C
B
A
D
C
B
H
G
F
E
A
H
G
F
E
D
C
B
P
N
M
L
K
J
Z
Y
X
W
V
U
T
S
R
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
Insert Arrangement
14-91HV
14-AA
16-8
16-23
16-26
Service Rating
Flashover
5,000 VAC (RMS)
I
II
I
I
Number of Contacts
3
4
8
22
1
26
Contact Size
20
12
16
20
16
20
A
H
B
J
K
D
L
R
E
M
F
N
G
P
C
A
M
L
K
J
H
G
F
E
D
C
B
P
N
A
M
L
K
J
H
G
F
E
D
C
B
T
S
R
P
N
Z
Y
X
W
V
U
Insert Arrangement
16-70
16-76
16-99
18-2
18-3
Service Rating
N/A
Flashover
1,500 VAC (RMS)
I
II
II
Number of Contacts
14
1
8
1
5
21
2
2
3
Contact Size
20
12 COAX
20
12*
2 COAX
20
16
8
10
*Contact Positions Optional
A
E
DC
B
A
H
G
F
ED
C
B
A
L
K
J
H
G
F
E
D
C
B
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
d
e
f
g
Insert Arrangement
18-5
18-8
18-11
18-30
Service Rating
II
I
II
I
Number of Contacts
5
8
11
29
1
Contact Size
12
12
16
20
16
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
d
e
f
g
h
j
A
H
G
F
E
D
C
B
J
A
B
C
M
P
L
N
D
E
H
F
G
J
K
A
D
CB
Insert Arrangement
18-32
18-71
18-72
18-75
Service Rating
I
II, COAX
N/A
COAX
Number of Contacts
32
8
1
10
4
4
Contact Size
20
16
8 COAX
20
12 COAX
8 COAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com