Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 11 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button PT Datasheet HTML 7Page - Amphenol Corporation PT Datasheet HTML 8Page - Amphenol Corporation PT Datasheet HTML 9Page - Amphenol Corporation PT Datasheet HTML 10Page - Amphenol Corporation PT Datasheet HTML 11Page - Amphenol Corporation PT Datasheet HTML 12Page - Amphenol Corporation PT Datasheet HTML 13Page - Amphenol Corporation PT Datasheet HTML 14Page - Amphenol Corporation PT Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
9
Amphenol Miniature Cylindrical
insert arrangements
A
D
C
B
A
G
F
E
D
C
B
H
A
F
E
DC
B
A
M
L
K
J
H
G
F
E
D
C
B
S
R
P
N
Insert Arrangement
18-76
18-80
18-91 HV
20-16
Service Rating
II
I, COAX
Flashover
5,000 VAC (RMS)
II
Number of Contacts
3
1
6
2
6
16
Contact Size
12 COAX
8 COAX
20
8 COAX
20
16
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
d
Insert Arrangement
20-24
20-25
20-26
20-27
Service Rating
I
I
I
I
Number of Contacts
24
25
20
6
27
Contact Size
20
20
20
12
20
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
r
p
n
m
k
j
h
g
f
e
d
c
b
i
q
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
t
s
r
p
q
n
m
k
j
i
h
g
f
e
d
c
b
A
P
N
M
L
K
J
G
F
E
D
C
B
H
A
G
F
ED
C
B
Insert Arrangement
20-39
20-41
20-70
20-90
Service Rating
I
I
COAX
HI-VOLTAGE
Number of Contacts
37
2
41
10
4
7
Contact Size
20
16
20
20
8 COAX
20
A
G
D
C
B
F
E
A
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
A
R
P
N
M
B
b
S
a
h
c
Z
T
L
C
j
g
d
Y
X
K
J
H
W
V
G
F
U
E
D
f
e
Insert Arrangement
22-7
22-21
22-25
22-32
Service Rating
COAX
II
I
I
Number of Contacts
7
21
25
32
Contact Size
8 COAX
16
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com