Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 19 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 19 Page - Amphenol Corporation

Back Button PT Datasheet HTML 15Page - Amphenol Corporation PT Datasheet HTML 16Page - Amphenol Corporation PT Datasheet HTML 17Page - Amphenol Corporation PT Datasheet HTML 18Page - Amphenol Corporation PT Datasheet HTML 19Page - Amphenol Corporation PT Datasheet HTML 20Page - Amphenol Corporation PT Datasheet HTML 21Page - Amphenol Corporation PT Datasheet HTML 22Page - Amphenol Corporation PT Datasheet HTML 23Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
17
PT07 (MS3114)
SP07
jam nut receptacle
S
H
S
J A
M
Z
R
P
K
To complete part number see how to order on page 25.
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS/”F”
Class “E” (SR)
Class “P”, MS/”P”
C
Thread
D Max.
G
H
L
M
C
Thread
D
Max.
G
H
L
M
D
Max.
L +.010
-.026
M
N
Z
6
-
-
-
-
-
-
-
-
-
-
-
-
.202
.593
.696
.484
.191
8
6-32
.250
.125
.781
1.062
.696
6-32
.250
.125
.775
1.029
.696
.327
.593
.696
.608
.191
10
6-32
.312
.188
.844
1.062
.696
6-32
.312
.188
.837
1.029
.696
.444
.593
.696
.734
.191
12
6-32
.438
.312
.969
1.062
.696
6-32
.438
.312
.963
1.029
.696
.558
.593
.696
.858
.191
14
6-32
.562
.375
1.094
1.062
.696
6-32
.562
.375
1.087
1.029
.696
.683
.593
.696
.984
.191
16
6-32
.625
.500
1.156
1.188
.696
6-32
.625
.500
1.150
1.161
.696
.808
.593
.696
1.110
.191
18
8-32
.750
.625
1.406
1.188
.696
8-32
.750
.625
1.400
1.161
.696
.909
.593
.696
1.234
.191
20
8-32
.750
.625
1.406
1.250
.884
8-32
.750
.625
1.400
1.224
.884
1.034
.718
.884
1.360
.221
22
8-32
.938
.750
1.594
1.250
.884
8-32
.938
.750
1.587
1.224
.884
1.159
.718
.884
1.484
.221
24
8-32
1.000
.800
1.594
1.250
.917
8-32
1.000
.800
1.681
1.320
.917
1.284
.718
.917
1.610
.188
Shell
Size
Recept. Front View
Receptacle Side View
Class “E”, MS/”E”
H
±.016
S
A Dia.
+.001
-.005
J Flat
+.000
-.010
K
+.011
-.010
M
Panel Thickness
R Thread
Class 2A
UNEF
Z
Max.
L
Max.
M
N
Max.
Z
±.040
Min.
Max.
6
.625
.812
.348
.405
.125
.696
.062
.125
.4375-28
.231
.568
.696
.604
.191
8
.750
.938
.473
.530
.125
.696
.062
.125
.5625-24
.231
.568
.696
.729
.191
10
.875
1.062
.590
.655
.125
.696
.062
.125
.6875-24
.231
.568
.696
.854
.191
12
1.062
1.250
.750
.818
.125
.696
.062
.125
.8750-20
.231
.568
.696
.979
.191
14
1.188
1.375
.875
.942
.125
.696
.062
.125
1.0000-20
.231
.568
.696
1.104
.191
16
1.312
1.500
1.000
1.066
.125
.696
.062
.125
1.1250-18
.231
.568
.696
1.229
.191
18
1.438
1.625
1.125
1.191
.125
.696
.062
.125
1.2500-18
.231
.568
.696
1.354
.191
20
1.562
1.812
1.250
1.316
.156
.884
.062
.250
1.3750-18
.261
.630
.884
1.510
.221
22
1.688
1.938
1.375
1.441
.156
.884
.062
.250
1.5000-18
.261
.630
.884
1.635
.221
24
1.816
2.062
1.500
1.566
.156
.917
.062
.250
1.6250-18
.228
.660
.917
1.760
.188
*Size 24 strain relief available in PT only
All dimensions for reference only.
J
N
A
M
Z
R
P
L
J A
M
Z
C
R
P
L
G D H
J A
M
Z
R
P
L
D N
TERMINATION ASSEMBLIES
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
“E” Open Wire Seal
“P” Potting Boot
“A” General Duty/
“C” Pressurized Receptacle
PT07A-XX-XXX
PT07C-XX-XXX
PT07E-XX-XXX
SP07E-XX-XXX
MS3114E-XX-XXX
PT07A-XX-XXX (SR)
SP07A-XX-XXX (SR)
PT07E-XX-XXX (SR)
MS3114F-XX-XXX
PT07P-XX-XXX
MS3114P-XX-XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com