Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 3 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 3 Page - Amphenol Corporation

  PT Datasheet HTML 1Page - Amphenol Corporation PT Datasheet HTML 2Page - Amphenol Corporation PT Datasheet HTML 3Page - Amphenol Corporation PT Datasheet HTML 4Page - Amphenol Corporation PT Datasheet HTML 5Page - Amphenol Corporation PT Datasheet HTML 6Page - Amphenol Corporation PT Datasheet HTML 7Page - Amphenol Corporation PT Datasheet HTML 8Page - Amphenol Corporation PT Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1
Amphenol® Miniature Cylindrical Connectors
Proprietary/MIL-DTL-26482, Series 1
Amphenol® Miniature Cylindrical connectors offer twice the number of contacts in just half the size of a Standard
connector. These miniature connectors, are available in several series, each with varying design characteristics
and customer options to meet cost considerations and provide maximum design flexibility. There are two styles
within the family that are MS approved and qualified to MIL-DTL-26482, Series 1, and in addition there are several
proprietary styles.
Common features of all styles:
• All are for general duty applications and environmental sealing is achieved with the grommet and clamp design.
• Operating temperature is from –55°C to +125°; Operating voltage to 1000 VAC (RMS) at sea level.
• Pin and socket contacts are machined from low loss copper alloy and gold plated to eliminate contact corrosion and
provide an indefinite shelf life.
• All have resilient inserts which provide high dielectric strength and moisture barrier.
• A variety of shell finishes (including non-cadmium) and a variety of back-end accessories are available within the
styles.
Bayonet Coupling with Solder Contact Termination
Bayonet Coupling with Crimp Contact Termination
PT Solder
jam nut receptacle and
mated straight plug
PT Solder
wall mount receptacle
PT-SE Crimp
wall mount receptacle
and mated straight plug
PT, MS/PT (solder)
•
MS and proprietary versions
•
Factory installed solder contacts
•
3 point bayonet coupling and 5 key/key-
way mating.
•
Intermateable with all miniature series
connectors.
•
MS/PT meets MIL-DTL-26482 Series 1,
service classes E, F and P.
•
MS/PT is UL recognized.
SP (solder)
•
SP Series is a modification of the PT with
same features except a wider flange for
back panel mounting
Options
•
7 shell styles with 60 insert
patterns
•
Hermetic seal (glass fusion)
receptacle styles available
•
Pressurized thru bulkhead
receptacle style available
•
Per-installed coax solder con-
tacts are available
•
Printed circuit board contacts
are available
PT-SE, MS/PT-SE (crimp)
•
MS and proprietary versions
•
Crimp rear insertable/front release
contact termination. (closed entry socket
insert prevents probe damage).
•
3 point bayonet coupling and 5 key/key-
way mating.
•
Intermateable with all miniature series
connectors.
•
MS/PT-SE meets MIL-DTL-26482 Series 1,
service classes E, F, P.
SP-SE (crimp)
•
Modification of the PT-SE with wider
flange for back panel mounting
Options
•
6 shell styles with 47 insert
patterns
•
Coax and thermocouple con-
tacts are available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com