Electronic Components Datasheet Search
  English  ▼

X  

PT Datasheet(PDF) 43 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 43 Page - Amphenol Corporation

Back Button PT Datasheet HTML 39Page - Amphenol Corporation PT Datasheet HTML 40Page - Amphenol Corporation PT Datasheet HTML 41Page - Amphenol Corporation PT Datasheet HTML 42Page - Amphenol Corporation PT Datasheet HTML 43Page - Amphenol Corporation PT Datasheet HTML 44Page - Amphenol Corporation PT Datasheet HTML 45Page - Amphenol Corporation PT Datasheet HTML 46Page - Amphenol Corporation PT Datasheet HTML 47Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
41
DUMMY RECEPTACLES – FOR PT, SP, MS/PT
PT accessories
glands
Nylon Cable Glands
Material:
Nylon 66 (UL Approved 94V-2)
Seal ring:
UL 94V-2 (UL Approved 94V-2)
Thread Type:
Metric; PG, NPT
Temp Range:
Static:
-40° to +100°C
Dynamic:
-20° to +80°C
Short Term:
+120°
Current Colors:
Gray, Black
AIO Part
Thread “A”
M “d”
(mm)
Cable
Range
(mm)
Thread
“L”
(mm)
Clamp
“H”
(mm)
Spanner
“S”
(mm)
AIO-CSM12
M12 x1.5
8
3-6.5
8
20
15
AIO-CSM16
M16 x 1.5
8
4-8
8
22
19
AIO-CSM18
M18 x 1.5
10
5-10
9
25
22
AIO-CSM20
M20 x 1.5
12
6-12
9
30
24
AIO-CSM22
M22 x 1.5
14
10-14
10
30
27
AIO-CSM24
M24 x 1.5
14
10-14
10
30
27
AIO-CSM25
M25 x 1.5
18
13-18
10
30
33
AIO-CSM30
M30 x 2.0
18
13-18
11
33
33
AIO-CSM32
M32 x 1.5
25
18-25
11
38
42
AIO-CSM33
M33 x 2.0
25
18-25
11
39
42
AIO-CSM40
M40 x 1.5
32
22-32
13
48
54
AIO-CSM50
M50 x 1.5
38
32-38
14
50
60
AIO-CSM72
M72 x 2.0
57
51-57
16
75
80
AIO-CSIN1/2
NPT1/2”
12
6-12
13.6
28
24
AIO-CSIN3/4
NPT 3/4”
18
13-18
14.1
32
33
AIO-CSIN3/2
NPT 1”1/2”
32
22-32
17.3
50
54
AIO-CSGIN1/2
G 1/2”
12
6-12
9
26
24
AIO-CSGIN3/4
G 3/4”
18
13-18
11
27
33
AIO-CSGIN1
G1”
25
18-25
11
33
42
AIO-CSGIN5/4
G1”1/4
28
21-28
13
48
54
AIO-CSGIN3/2
G1”1/2”
32
22-32
13
48
54
AIO-CSGIN5/2
G2”1/2”
57
51-57
14
75
80
AIO-CSPG7
PG7
6.5
3-6.5
8
20
15
AIO-CSPG9
PG9
8
4-8
8
22
19
AIO-CSPG11
PG11
10
5-10
8
24
22
AIO-CSPG13.5
PG13.5
12
6-12
9
26
24
AIO-CSPG16
PG16
14
10-14
10
28
27
AIO-CSPG21
PG21
18
13-18
11
33
33
AIO-CSPG29
PG29
25
18-25
11
38
42
AIO-CSPG36
PG36
32
22-32
13
48
54
AIO-CSPG42
PG42
38
32-38
14
52
60
For additional information on other products available refer to our
Cord grips & Cable Glands, Catalog 12-055
Metal Cable Glands
Material:
Brass with Nickel; Brass with Tin/Nickel
Clamping:
UL approved PA6, 94V-0
Seal Ring:
UL 94V-2 (UL approved NBR, 94V-2;UL approved
DOW CORNING RUBBER, 94V-0
Thread Type:
Metric, PG, NPT
Protective:
IP68 (tighten with o-ring)
Temp Range:
-40° to +100°C
Torque Value (N-M) of hex and cap nuts: 3.0-4.5 N-M M12, M16, M20
are UL recognized under file #E339605
AIO Part
Thread
“A”
M “d”
(mm)
Cable
Range
(mm)
Thread
“L”
(mm)
Clamp
“H”
(mm)
Spanner
“S”
(mm)
AIO-CSJM12
M12x1.5
6.5
3-6.5
6.2
15
14
AIO-CSJM14
M14x1.5
8
4-8
5
19
15
AIO-CSJM16
M16x1.5
9
6-9
6.3
20
18
AIO-CSJM18
M18x1.5
10
5-10
7
20
22
AIO-CSJM20
M20x1.5
12
6-12
8.3
20
22
AIO-CSJM22
M22x1.5
14
10-14
8
24
24
AIO-CSJM24
M24x1.5
14
10-14
8
24
27
AIO-CSJM25
M25x1.5
18
13-18
7.8
23
30
AIO-CSJM27
M27x1.5
18
13-18
8
26
30
AIO-CSJM30
M30x2.0
18
13-18
8
26
32
AIO-CSJM32
M32x1.5
25
18-25
10
27
40
AIO-CSJM36
M36x2.0
25
18-25
10
34
40
AIO-CSJM40
M40x1.5
32
22-32
10
39
50
AIO-CSJM50
M50x1.5
38
32-38
11
39
60
AIO-CSJM63
M63x1.5
44
37-44
12
43
67
AIO-CSJM72
M72x1.5
52
46-52
16
47
75
AIO-CSJM80
M80x2.0
60
52-60
20
57
90
AIO-CSJM90
M90x2.0
70
62-70
20
57
100
AIO-CSJIN1/2
NPT 1/2”
12
6-12
13.6
25
24
AIO-CSJIN3/4
NPT 3/4”
18
13-18
14.1
26
30
AIO-CSJIN5/4
NPT 1”1/4”
32
22-32
17.3
41
50
AIO-CSJIN3/2
NPT 1”1/2”
32
22-32
17.3
46
50
AIO-CSJIN2
NPT2”
44
37-44
17.7
46
65
AIO-CSJIN5/2
NPT2 1/2”
52
46-52
23.7
58
80
AIO-CSJIN3
NPT3”
70
62-70
26
58
100
AIO-CSJGIN1/2
G1/2”
12
6-12
8
24
24
AIO-CSJGIN3/4
G3/4”
18
13-18
8
27
30
AIO-CSJGIN1
G1”
25
18-25
10
34
40
AIO-CSJGIN5/4
G1”1/4”
32
22-32
10
39
50
AIO-CSJGIN3/2
G1”1/2”
32
22-32
10
39
50
AIO-CSJGIN2
G2”
44
37-44
12
44
65
AIO-CSJGIN 5/2
G2 1/2”
52
46-52
16
47
82
AIO-CSJPG7
PG7
6.5
3-6.5
6
18
14
AIO-CSJPG9
PG9
8
4-8
7
21
18
AIO-CSJPG11
PG11
10
5-10
7
20
22
AIO-CSJPG13.5
PG13.5
12
6-12
8
24
22
AIO-CSJPG16
PG16
14
10-14
8
25
24
AIO-CSJPG21
PG21
18
13-18
8
26
30
AIO-CSJPG36
PG36
32
22-32
10
38
50
AIO-CSJPG42
PG42
38
32-38
11
42
60
AIO-CSJPG48
PG48
44
37-44
12
44
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com