Electronic Components Datasheet Search
  English  ▼

X  

DS26519 Datasheet(PDF) 71 Page - Maxim Integrated Products

Part # DS26519
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519 Datasheet(HTML) 71 Page - Maxim Integrated Products

Back Button DS26519 Datasheet HTML 67Page - Maxim Integrated Products DS26519 Datasheet HTML 68Page - Maxim Integrated Products DS26519 Datasheet HTML 69Page - Maxim Integrated Products DS26519 Datasheet HTML 70Page - Maxim Integrated Products DS26519 Datasheet HTML 71Page - Maxim Integrated Products DS26519 Datasheet HTML 72Page - Maxim Integrated Products DS26519 Datasheet HTML 73Page - Maxim Integrated Products DS26519 Datasheet HTML 74Page - Maxim Integrated Products DS26519 Datasheet HTML 75Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
71 of 310
9.9.6
E1 Data Link
Table 9-23 shows the registers related to E1 data link.
Table 9-23. Registers Related to E1 Data Link
REGISTER
FRAMER 1
ADDRESSES
FUNCTION
E1 Receive Align Frame Register (E1RAF)
064h
Receive frame alignment register.
E1 Receive Non-Align Frame Register
Register (E1RNAF)
065h
Receive non-frame alignment register.
E1 Received Si Bits of the Align Frame
Register (E1RsiAF)
066h
Receive Si bits of the frame alignment frames.
Received Si Bits of the Non-Align Frame
Register E1RSiNAF)
067h
Receive Si bits of the non-frame alignment
frames.
Received Sa4 to Sa8 Bits Register
(E1RSa4 to E1RSa8)
069h, 06Ah,
06Bh, 06Ch,
06Dh
Receive Sa bits.
Transmit Align Frame Register (E1TAF)
164h
Transmit align frame register.
Transmit Non-Align Frame Register
(E1TNAF)
165h
Transmit non-align frame register.
Transmit Si Bits of the Align Frame
Register (E1TSiAF)
166h
Transmit Si bits of the frame alignment frames.
Transmit Si Bits of the Non-Align Frame
Register (E1TSiNAF)
167h
Transmit Si bits of the non-frame alignment
frames.
Transmit Sa4 to Sa8 Bits Register
(E1TSa4 to E1TSa8)
169h, 16Ah,
16Bh, 16Ch,
16Dh
Transmit Sa4 to Sa8.
E1 Transmit Sa-Bit Control Register
(E1TSACR)
114h
Transmit sources of Sa control.
Note: The addresses shown are for Framer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com