Electronic Components Datasheet Search
  English  ▼

X  

DS26519 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS26519
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS26519 Datasheet HTML 26Page - Maxim Integrated Products DS26519 Datasheet HTML 27Page - Maxim Integrated Products DS26519 Datasheet HTML 28Page - Maxim Integrated Products DS26519 Datasheet HTML 29Page - Maxim Integrated Products DS26519 Datasheet HTML 30Page - Maxim Integrated Products DS26519 Datasheet HTML 31Page - Maxim Integrated Products DS26519 Datasheet HTML 32Page - Maxim Integrated Products DS26519 Datasheet HTML 33Page - Maxim Integrated Products DS26519 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
30 of 310
NAME
PIN
TYPE
FUNCTION
WRB/
RWB
R13
Input
Write-Read Bar/Read-Write Bar.
This active-low signal along with
CSB qualifies
write access to one of the DS26519 registers. Data at D[7:0] is written into the
addressed register at the rising edge of
WRB while CSB is low.
INTB
U9
Output/
Tri-
Stateable
Interrupt Bar.
This active-low output is asserted when an unmasked interrupt
event is detected.
INTB will be deasserted (and tri-stated) when all interrupts
have been acknowledged and serviced. Extensive mask bits are provided at the
global level, framer, LIU, and BERT level.
SPI_SEL
F5
Input
SPI Serial Bus Mode Select
0 = Parallel Bus Mode
1 = SPI Serial Bus Mode
BTS
U15
Input
Bus Type Select.
Set high to select Motorola bus timing, low to select Intel bus
timing. This pin controls the function of the
RDB/DSB and WRB pins. Note: If SPI
mode is selected by the SPI_SEL pin, this pin must be tied low.
SYSTEM INTERFACE
MCLK
F11
Input
Master Clock.
This is an independent free-running clock whose input can be a
multiple of 2.048MHz ±50ppm or 1.544MHz ±50ppm. The clock selection is
available by bits MPS0 and MPS1 and FREQSEL. Multiple of 2.048MHz can be
internally adapted to 1.544MHz. Multiple of 1.544MHz can be adapted to
2.048MHz. Note that TCLKn must be 2.048MHz for E1 and 1.544MHz for T1/J1
operation. See Table 10-14.
RESETB
T16
Input
Reset Bar.
Active-low reset. This input forces the complete DS26519 reset. This
includes reset of the registers, framers, and LIUs.
REFCLKIO
A18
Input/
Output
Reference Clock Input/Output
Input:
A 2.048MHz or 1.544MHz clock input. This clock can be used to generate
the backplane clock. This allows for the users to synchronize the system
backplane with the reference clock. The other options for the backplane clock
reference are LIU-received clocks or MCLK.
Output:
This signal can also be used to output a 1.544MHz or 2.048MHz
reference clock. This allows for multiple DS26519s to share the same reference
for generation of the backplane clock. Hence, in a system consisting of multiple
DS26519s, one can be a master and others a slave using the same reference
clock.
TEST
DIGIOEN
A14
Input,
Pullup
Digital Enable.
When this pin and
JTRST are pulled low, all digital I/O pins are
placed in a high-impedance state. If this pin is high the digital I/O pins operate
normally. This pin must be connected to VDD for normal operation.
JTRST
F4
Input,
Pullup
JTAG Reset.
JTRST is used to asynchronously reset the test access port
controller. After power-up,
JTRST must be toggled from low to high. This action
sets the device into the JTAG DEVICE ID mode. Pulling
JTRST low restores
normal device operation.
JTRST is pulled high internally via a 10k
Ω resistor
operation. If boundary scan is not used, this pin should be held low.
JTMS
G4
Input,
Pullup
JTAG Mode Select.
This pin is sampled on the rising edge of JTCLK and is used
to place the test access port into the various defined IEEE 1149.1 states. This pin
has a 10k
Ω pullup resistor.
JTCLK
E3
Input
JTAG Clock.
This signal is used to shift data into JTDI on the rising edge and out
of JTDO on the falling edge.
JTDI
G5
Input,
Pullup
JTAG Data In.
Test instructions and data are clocked into this pin on the rising
edge of JTCLK. This pin has a 10k
Ω pullup resistor.
JTDO
E4
Output,
High
Impedance
JTAG Data Out.
Test instructions and data are clocked out of this pin on the
falling edge of JTCLK. If not used, this pin should be left unconnected.
SCANEN
N6
Input
Scan Enable.
When low, the device is in normal operation. User should tie low.
SCANMODE
V18
Input
Scan Mode.
When low, normal operational clocks are used to clock the flip flops.
User should tie low.
TST_TA1
T6
TST_TB1
K1
TST_TC1
R6
TST_RA1
K2
TST_RB1
P6
TST_RC1
L2
Output
LIU Test Points.
Test signals from LIU 1. User should leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com