Electronic Components Datasheet Search
  English  ▼

X  

DS26519 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS26519
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS26519 Datasheet HTML 35Page - Maxim Integrated Products DS26519 Datasheet HTML 36Page - Maxim Integrated Products DS26519 Datasheet HTML 37Page - Maxim Integrated Products DS26519 Datasheet HTML 38Page - Maxim Integrated Products DS26519 Datasheet HTML 39Page - Maxim Integrated Products DS26519 Datasheet HTML 40Page - Maxim Integrated Products DS26519 Datasheet HTML 41Page - Maxim Integrated Products DS26519 Datasheet HTML 42Page - Maxim Integrated Products DS26519 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
39 of 310
9.4
Initialization and Configuration
9.4.1
Example Device Initialization and Sequence
STEP 1: Reset the device by pulling the
RESETB pin low, applying power to the device, or by using the software
reset bits outlined in Section 9.2.2. Clear all reset bits. Allow time for the reset recovery.
STEP 2: Check the Device ID in the IDR register.
STEP 3: Write the GTCCR1 register to correctly configure the system clocks. If supplying a 1.544MHz MCLK
follows this write with at least a 300ns delay in order to allow the clock system to properly adjust.
STEP 4: Write the entire remainder of the register space for each port with 00h, including reserved register
locations.
STEP 5: Choose T1/J1 or E1 operation for the framers by configuring the T1/E1 bit in the TMMR and RMMR
registers for each framer. Set the FRM_EN bit to 1 in the TMMR and RMMR registers. If using software transmit
signaling in E1 mode, program the E1TAF and E1TNAF registers as required. Configure the framer Transmit
Control Registers (TCR1–TCR4). Configure the framer Receive Control Registers (RCR1–RCR3). Configure other
framer features as appropriate.
STEP 6: Choose T1/J1 or E1 operation for the LIUs by configuring the T1J1E1S bit in the LTRCR register.
Configure the line build-out for each LIU. Configure other LIU features as appropriate. Set the TE (transmit enable)
bit to turn on the TTIPn and TRINGn outputs.
STEP 7: Configure the elastic stores, HDLC controller, and BERT as needed.
STEP 8: Set the INIT_DONE bit in the TMMR and RMMR registers for each framer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com