Electronic Components Datasheet Search
  English  ▼

X  

DS26519 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # DS26519
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button DS26519 Datasheet HTML 49Page - Maxim Integrated Products DS26519 Datasheet HTML 50Page - Maxim Integrated Products DS26519 Datasheet HTML 51Page - Maxim Integrated Products DS26519 Datasheet HTML 52Page - Maxim Integrated Products DS26519 Datasheet HTML 53Page - Maxim Integrated Products DS26519 Datasheet HTML 54Page - Maxim Integrated Products DS26519 Datasheet HTML 55Page - Maxim Integrated Products DS26519 Datasheet HTML 56Page - Maxim Integrated Products DS26519 Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
53 of 310
Table 9-9. TSIGn Input Pin Definitions (GTCR1.GIBO = 0)
PIN
NORMAL USE
4.096MHz IBO
8.192MHz IBO
16.384MHz IBO
TSIG1
Transmit Signaling
Data for Port 1
Combined Transmit
Signaling Data for
Ports 1 and 2
Combined Transmit
Signaling Data for
Ports 1–4
Transmit Signaling
Data for Ports 1–8
TSIG2
Transmit Signaling
Data for Port 2
Unused
Unused
Unused
TSIG3
Transmit Signaling
Data for Port 3
Combined Transmit
Signaling Data for
Ports 3 and 4
Unused
Unused
TSIG4
Transmit Signaling
Data for Port 4
Unused
Unused
Unused
TSIG5
Transmit Signaling
Data for Port 5
Combined Transmit
Signaling Data for
Ports 5 and 6
Combined Transmit
Signaling Data for
Ports 5–8
Unused
TSIG6
Transmit Signaling
Data for Port 6
Unused
Unused
Unused
TSIG7
Transmit Signaling
Data for Port 7
Combined Transmit
Signaling Data for
Ports 7 and 8
Unused
Unused
TSIG8
Transmit Signaling
Data for Port 8
Unused
Unused
Unused
TSIG9
Transmit Signaling
Data for Port 9
Combined Transmit
Signaling Data for
Ports 9 and 10
Combined Transmit
Signaling Data for
Ports 9–12
Transmit Signaling
Data for Ports 9–16
TSIG10
Transmit Signaling
Data for Port 10
Unused
Unused
Unused
TSIG11
Transmit Signaling
Data for Port 11
Combined Transmit
Signaling Data for
Ports 11 and 12
Unused
Unused
TSIG12
Transmit Signaling
Data for Port 12
Unused
Unused
Unused
TSIG13
Transmit Signaling
Data for Port 13
Combined Transmit
Signaling Data for
Ports 13 and 14
Combined Transmit
Signaling Data for
Ports 13–16
Unused
TSIG14
Transmit Signaling
Data for Port 14
Unused
Unused
Unused
TSIG15
Transmit Signaling
Data for Port 15
Combined Transmit
Signaling Data for
Ports 15 and 16
Unused
Unused
TSIG16
Transmit Signaling
Data for Port 16
Unused
Unused
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com