Electronic Components Datasheet Search
  English  ▼

X  

DS26519 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS26519
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS26519 Datasheet HTML 19Page - Maxim Integrated Products DS26519 Datasheet HTML 20Page - Maxim Integrated Products DS26519 Datasheet HTML 21Page - Maxim Integrated Products DS26519 Datasheet HTML 22Page - Maxim Integrated Products DS26519 Datasheet HTML 23Page - Maxim Integrated Products DS26519 Datasheet HTML 24Page - Maxim Integrated Products DS26519 Datasheet HTML 25Page - Maxim Integrated Products DS26519 Datasheet HTML 26Page - Maxim Integrated Products DS26519 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
23 of 310
NAME
PIN
TYPE
FUNCTION
TSYNC1/
TSSYNCIO1
F8
TSYNC2/
TSSYNCIO2
D13
TSYNC3/
TSSYNCIO3
R9
TSYNC4/
TSSYNCIO4
AB3
TSYNC5/
TSSYNCIO5
AA7
TSYNC6/
TSSYNCIO6
AA9
TSYNC7/
TSSYNCIO7
D20
TSYNC8/
TSSYNCIO8
H16
TSYNC9/
TSSYNCIO9
K15
TSYNC10/
TSSYNCIO10
N16
TSYNC11/
TSSYNCIO11
Y6
TSYNC12/
TSSYNCIO12
M8
TSYNC13/
TSSYNCIO13
M7
TSYNC14/
TSSYNCIO14
K5
TSYNC15/
TSSYNCIO15
D19
TSYNC16/
TSSYNCIO16
G16
Input/
Output
Transmit Synchronization 1 to 16.
A pulse at these pins establishes either
frame or multiframe boundaries for the transmit side. These signals can also be
programmed to output either a frame or multiframe pulse. If these pins are set to
output pulses at frame boundaries, they can also be set to output double-wide
pulses at signaling frames in T1 mode. The operation of these signals is
synchronous with TCLK[1:16] These pins are selected when the transmit elastic
store is disabled.
Transmit System Synchronization In.
These pins are selected when the
transmit-side elastic store is enabled. A pulse at these pins establishes either
frame or multiframe boundaries for the transmit side. Note that if the elastic store
is enabled, frame or multiframe boundary is established for the transmitters.
Should be tied low in applications that do not use the transmit-side elastic store.
The operation of this signal is synchronous with TSYSCLK[1:16].
Transmit System Synchronization Out.
If configured as an output and the
transmit elastic store is enabled, an 8kHz pulse synchronous to BPCLK1 for
TSSYNCIO[1:8] BPCLK2 for TSSYNCIO[9:16] will be generated. This pulse in
combination with BPCLK[1:2] can be used as an IBO master. TSSYNCIOn can
be used as a source to RSYNCn and TSSYNCIOn of another DS26519 or
RSYNC and TSSYNC of other Dallas Semiconductor parts.
TSIG1
B14
TSIG2
C14
TSIG3
P9
TSIG4
R11
TSIG5
T12
TSIG6
U12
TSIG7
B17
TSIG8
F14
TSIG9
U22
TSIG10
V21
TSIG11
U6
TSIG12
A1
TSIG13
F1
TSIG14
H2
TSIG15
G14
TSIG16
G17
Input
Transmit Signaling 1 to 16.
When enabled, this input samples signaling bits for
insertion into outgoing PCM data stream. Sampled on the falling edge of TCLKn
when the transmit-side elastic store is disabled. Sampled on the falling edge of
TSYSCLKn when the transmit-side elastic store is enabled. In IBO mode, the
TSIGn streams can run up to 16.384MHz. See Table 9-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com