Electronic Components Datasheet Search
  English  ▼

X  

DS26519 Datasheet(PDF) 83 Page - Maxim Integrated Products

Part # DS26519
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519 Datasheet(HTML) 83 Page - Maxim Integrated Products

Back Button DS26519 Datasheet HTML 79Page - Maxim Integrated Products DS26519 Datasheet HTML 80Page - Maxim Integrated Products DS26519 Datasheet HTML 81Page - Maxim Integrated Products DS26519 Datasheet HTML 82Page - Maxim Integrated Products DS26519 Datasheet HTML 83Page - Maxim Integrated Products DS26519 Datasheet HTML 84Page - Maxim Integrated Products DS26519 Datasheet HTML 85Page - Maxim Integrated Products DS26519 Datasheet HTML 86Page - Maxim Integrated Products DS26519 Datasheet HTML 87Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
83 of 310
9.9.17 Framer Payload Loopbacks
The framer, payload, and remote loopbacks are controlled by RCR3.
Table 9-35. Register Related to Framer Payload Loopbacks
RECEIVE CONTROL
REGISTER 3 (RCR3)
FRAMER 1
ADDRESSES
FUNCTION
Framer Loopback
083h
Transmit data output from the framer is looped back to the receiver.
Payload Loopback
083h
The 192-bit payload data is looped back to the transmitter.
Remote Loopback
083h
Data recovered by the receiver is looped back to the transmitter.
Note: The addresses shown above are for Framer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com