Electronic Components Datasheet Search
  English  ▼

X  

DS26519 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # DS26519
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button DS26519 Datasheet HTML 28Page - Maxim Integrated Products DS26519 Datasheet HTML 29Page - Maxim Integrated Products DS26519 Datasheet HTML 30Page - Maxim Integrated Products DS26519 Datasheet HTML 31Page - Maxim Integrated Products DS26519 Datasheet HTML 32Page - Maxim Integrated Products DS26519 Datasheet HTML 33Page - Maxim Integrated Products DS26519 Datasheet HTML 34Page - Maxim Integrated Products DS26519 Datasheet HTML 35Page - Maxim Integrated Products DS26519 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
32 of 310
NAME
PIN
TYPE
FUNCTION
ARVSS1
A2
ARVSS2
N3
ARVSS3
W2
ARVSS4
AB1
ARVSS5
AB22
ARVSS6
J20
ARVSS7
G20
ARVSS8
D21
ARVSS9
AA14
ARVSS10
Y13
ARVSS11
AB19
ARVSS12
K20
ARVSS13
A10
ARVSS14
C10
ARVSS15
C7
ARVSS16
P2
—
Analog Receive VSS. These pins are used for analog VSS for the receivers.
ACVDD
L14, M9
—
1.8V
±5% Analog Clock Conversion V
DD. These VDD inputs are used for the
clock conversion unit (CLAD) of the DS26519.
ACVSS
L9, M14
—
Analog Clock VSS. These pins are used for clock converter analog VSS.
DVDD33
J10–J13,
K9, N14,
P10–P13
—
3.3V
±5% Power Supply for I/Os
DVDD18
G12, L8,
M15, T11
—
1.8V
±5% Power Supply for Internal V
DD
DVSS
K10–K13,
L10–L13,
M10–M13,
N10–N13
—
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com