Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXY8300 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 164 page
background image
MPXY8300 Series
Sensors
4
Freescale Semiconductor
Figure 1-2 MPXY8300 Series Clock Distribution
1.4
Reference Documents
The MPXY8300 Series utilizes a custom microcontroller. The user can obtain further detail on the full capabilities of the MCU
modules by referring to the HCS08 Family Reference Manual (HCS08RMV1).
CPO
OSC
10 MHz
RF
OUT
RTI
SYSTEM
CONTROL
LOGIC
÷ 2
HFO
PLL OSC
1, 2,4, 8 MHz
fOSC
fBUS
CPU
BDC
TPM1
RAM
FLASH
SPI
LFR
ADC10
MFO
OSC
4 & 8
μSec
PWU
CLSA, CLKSB
fLFO (1 kHz)
XTL
OSC
16 - 22 MHz
XI
XO
PLL
VCO
BIT
RATE
DATA
BUFFER
LF
ACCEL
g-Cell
SIGNAL
CONDITIONING
PRESSURE
SENSOR
CLOCK
GEN
RFX
P-CHIP
MCU
RTICLKS
PAR
REG
fMFO
fXCO
RANDOM
4 kbps
SPI
SCK (1 MHz)
GEN
DX (500 kHz)
TRIM
REG
fSFO (8 μSec)
LFO
OSC
1 mS
PERIOD
P-CHIP
INTERFACE
ADC10
CLOCK
ADCCLK
ADC10
(0 - 5 kHz)
INTERFACE
CHARGE
PUMP
BUSCLKS0:1
CPT0:1
WATCH
DOG
COPCLKS
÷ 8
CKREF
TCLKDIV
fMFO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com