Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 164 page
background image
MPXY8300 Series
Sensors
74
Freescale Semiconductor
When center-aligned PWM operation is specified, the counter counts upward from 0x0000 through its terminal count and then
counts downward to 0x0000 where it returns to up-counting. Both 0x0000 and the terminal count value (value in
TPMMODH:TPMMODL) are normal length counts (one timer clock period long).
An interrupt flag and enable are associated with the main 16-bit counter. The timer overflow flag (TOF) is a software-accessible
indication that the timer counter has overflowed. The enable signal selects between software polling (TOIE = 0) where no
hardware interrupt is generated, or interrupt-driven operation (TOIE = 1) where a static hardware interrupt is automatically
generated whenever the TOF flag is 1.
The conditions that cause TOF to become set depend on the counting mode (up or up/down). In up-counting mode, the main
16-bit counter counts from 0x0000 through 0xFFFF and overflows to 0x0000 on the next counting clock. TOF becomes set at the
transition from 0xFFFF to 0x0000. When a modulus limit is set, TOF becomes set at the transition from the value set in the
modulus register to 0x0000. When the main 16-bit counter is operating in up-/down-counting mode, the TOF flag gets set as the
counter changes direction at the transition from the value set in the modulus register and the next lower count value. This
corresponds to the end of a PWM period. (The 0x0000 count value corresponds to the center of a period.)
Because the HCS08 MCU is an 8-bit architecture, a coherency mechanism is built into the timer counter for read operations.
Whenever either byte of the counter is read (TPMCNTH or TPMCNTL), both bytes are captured into a buffer so when the other
byte is read, the value will represent the other byte of the count at the time the first byte was read. The counter continues to count
normally, but no new value can be read from either byte until both bytes of the old count have been read.
The main timer counter can be reset manually at any time by writing any value to either byte of the timer count TPMCNTH or
TPMCNTL. Resetting the counter in this manner also resets the coherency mechanism in case only one byte of the counter was
read before resetting the count.
9.4.2
Channel Mode Selection
Provided CPWMS = 0 (center-aligned PWM operation is not specified), the MSnB and MSnA control bits in the channel n status
and control registers determine the basic mode of operation for the corresponding channel. Choices include input capture, output
compare, and buffered edge-aligned PWM.
9.4.2.1
Input Capture Mode
With the input capture function, the TPM can capture the time at which an external event occurs. When an active edge occurs
on the pin of an input capture channel, the TPM latches the contents of the TPM counter into the channel value registers
(TPMCnVH:TPMCnVL). Rising edges, falling edges, or any edge may be chosen as the active edge that triggers an input
capture.
When either byte of the 16-bit capture register is read, both bytes are latched into a buffer to support coherent 16-bit accesses
regardless of order. The coherency sequence can be manually reset by writing to the channel status/control register (TPMCnSC).
An input capture event sets a flag bit (CHnF) that can optionally generate a CPU interrupt request.
9.4.2.2
Output Compare Mode
With the output compare function, the TPM can generate timed pulses with programmable position, polarity, duration, and
frequency. When the counter reaches the value in the channel value registers of an output compare channel, the TPM can set,
clear, or toggle the channel pin.
In output compare mode, values are transferred to the corresponding timer channel value registers only after both 8-bit bytes of
a 16-bit register have been written. This coherency sequence can be manually reset by writing to the channel status/control
register (TPMCnSC).
An output compare event sets a flag bit (CHnF) that can optionally generate a CPU interrupt request.
9.4.2.3
Edge-Aligned PWM Mode
This type of PWM output uses the normal up-counting mode of the timer counter (CPWMS = 0) and can be used when other
channels in the same TPM are configured for input capture or output compare functions. The period of this PWM signal is
determined by the setting in the modulus register (TPMMODH:TPMMODL). The duty cycle is determined by the setting in the
timer channel value register (TPMCnVH:TPMCnVL). The polarity of this PWM signal is determined by the setting in the ELSnA
control bit. Duty cycle cases of 0 percent and 100 percent are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com