Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 164 page
background image
MPXY8300 Series
Sensors
Freescale Semiconductor
71
When background mode is active, the timer counter and the coherency mechanism are frozen such that the buffer latches remain
in the state they were in when the background mode became active even if one or both bytes of the counter are read while
background mode is active.
9.3.3
Timer x Counter Modulo Registers (TPMMODH:TPMMODL)
The read/write TPM modulo registers contain the modulo value for the TPM counter. After the TPM counter reaches the modulo
value, the TPM counter resumes counting from 0x0000 at the next clock (CPWMS = 0) or starts counting down (CPWMS = 1),
and the overflow flag (TOF) becomes set. Writing to TPMMODH or TPMMODL inhibits TOF and overflow interrupts until the other
byte is written. Reset sets the TPM counter modulo registers to 0x0000, which results in a free-running timer counter (modulo
disabled).
It is good practice to wait for an overflow interrupt so both bytes of the modulo register can be written well before a new overflow.
An alternative approach is to reset the TPM counter before writing to the TPM modulo registers to avoid confusion about when
the first counter overflow will occur.
9.3.4
Timer x Channel n Status and Control Register (TPMCnSC)
TPMCnSC contains the channel interrupt status flag and control bits that are used to configure the interrupt enable, channel
configuration, and pin function.
7
6
5
4
3
2
1
0
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
0
0
0
0
0
0
0
0
Figure 9-5 Timer x Counter Modulo Register High (TPMMODH)
7
6
5
4
3
2
1
0
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reset
0
0
0
0
0
0
0
0
Figure 9-6 Timer x Counter Modulo Register Low (TPMMODL)
7
6
5
4
3
2
1
0
R
CHnF
CHnIE
MSnB
MSnA
ELSnB
ELSnA
0
0
W
Reset
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Figure 9-7 Timer x Channel n Status and Control Register (TPMCnSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com