Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 164 page
background image
MPXY8300 Series
Sensors
Freescale Semiconductor
63
ROL opr8a
ROLA
ROLX
ROL oprx8,X
ROL ,X
ROL oprx8,SP
Rotate Left through Carry
Þ
–
–
Þ
Þ
Þ
DIR
INH
INH
IX1
IX
SP1
39
49
59
69
79
9E69
dd
ff
ff
5
1
1
5
4
6
ROR opr8a
RORA
RORX
ROR oprx8,X
ROR ,X
ROR oprx8,SP
Rotate Right through
Carry
Þ
–
–
Þ
Þ
Þ
DIR
INH
INH
IX1
IX
SP1
36
46
56
66
76
9E66
dd
ff
ff
5
1
1
5
4
6
RSP
Reset Stack Pointer
SP
← 0xFF
(High Byte Not Affected)
–
–
–
–
–
– INH
9C
1
RTI
Return from Interrupt
SP
← (SP) + 0x0001; Pull (CCR)
SP
← (SP) + 0x0001; Pull (A)
SP
← (SP) + 0x0001; Pull (X)
SP
← (SP) + 0x0001; Pull (PCH)
SP
← (SP) + 0x0001; Pull (PCL)
Þ
Þ
Þ
Þ
Þ
Þ INH
80
9
RTS
Return from Subroutine
SP
← SP + 0x0001; Pull (PCH)
SP
← SP + 0x0001; Pull (PCL)
–
–
–
–
–
– INH
81
6
SBC #opr8i
SBC opr8a
SBC opr16a
SBC oprx16,X
SBC oprx8,X
SBC ,X
SBC oprx16,SP
SBC oprx8,SP
Subtract with Carry
A
← (A) – (M) – (C)
Þ
–
–
Þ
Þ
Þ
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A2
B2
C2
D2
E2
F2
9ED2
9EE2
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
SEC
Set Carry Bit
C
← 1
–
–
–
–
–
1 INH
99
1
SEI
Set Interrupt Mask Bit
I
← 1
–
–
1
–
–
– INH
9B
1
STA opr8a
STA opr16a
STA oprx16,X
STA oprx8,X
STA ,X
STA oprx16,SP
STA oprx8,SP
Store Accumulator in
Memory
M
← (A)
0
–
–
Þ
Þ
–
DIR
EXT
IX2
IX1
IX
SP2
SP1
B7
C7
D7
E7
F7
9ED7
9EE7
dd
hh ll
ee ff
ff
ee ff
ff
3
4
4
3
2
5
4
STHX opr8a
STHX opr16a
STHX oprx8,SP
Store H:X (Index Reg.)
(M:M + 0x0001)
← (H:X)
0
–
–
Þ
Þ
–
DIR
EXT
SP1
35
96
9EFF
dd
hh ll
ff
4
5
5
STOP
Enable Interrupts:
Stop Processing
Refer to MCU Documen-
tation
I bit
← 0; Stop Processing
–
–
0
–
–
– INH
8E
2+
STX opr8a
STX opr16a
STX oprx16,X
STX oprx8,X
STX ,X
STX oprx16,SP
STX oprx8,SP
Store X (Low 8 Bits of
Index Register)
in Memory
M
← (X)
0
–
–
Þ
Þ
–
DIR
EXT
IX2
IX1
IX
SP2
SP1
BF
CF
DF
EF
FF
9EDF
9EEF
dd
hh ll
ee ff
ff
ee ff
ff
3
4
4
3
2
5
4
Table 8-2 HCS08 Instruction Set Summary (Sheet 6 of 7)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C
C
b0
b7
b0
b7
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com