Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 164 page
background image
MPXY8300 Series
Sensors
78
Freescale Semiconductor
SECTION 10 OTHER MCU RESOURCES
The microcontroller used in the MPXY8300 Series has several resources which are used to make sensor measurements and/or
communicate with the RF transmitter within the device. These modules have a range of programmable features, but are not
recommended for user control.
10.1
Analog-to-Digital Converter
The MPXY8300 Series provides a 4-channel, 10-bit analog-to-digital converter (ADC10) module. The ADC10 module is an
analog-to-digital converter using a successive approximation register (SAR) architecture with sample and hold.
When making measurements of the various analog voltages the individual blocks need to be powered up long enough to stabilize
their outputs before a conversion is started.
All of the features of the MPXY8300 Series ADC10 are the same as similar MC9S08 family devices, except that the analog
channels are connected to internal hardware as given in Table 10-1. Conversions are started and ended in the same manner as
are the various power up states.
The accuracy, power consumption and timing specifications given in the electrical specifications in Section 17 are based on using
the assigned firmware subroutines in Section 14 to make these measurements and convert them into an 8-bit or 9-bit transfer
function. These specifications cannot be guaranteed if the user creates custom software routines to make these measurements.
10.2
Serial Peripheral Interface
The serial peripheral interface (SPI) on the MPXY8300 Series is only connected and used internally to communicate between
the MCU and the RFX. The transfer of data back and forth between the two devices is handled by firmware subroutines as
described in Section 14. The user should not attempt to access the RFX using custom software.
10.3
Pressure Measurement
The MPXY8300 Series measures pressure in all members of the family. The pressure measurement consists of a P-Chip
Interface (PCI) to a pressure sensing element as shown in Figure 10-1. Control bits on the MCU operate the PCI using firmware
provided by Freescale as described in Section 14. The PCI transfers trim data to the P-CHip and measures its resulting analog
voltage output. In addition the P-Chip is powered up through the general purpose I/O port.
Figure 10-1 PCI to P-Chip Block Diagram
Table 10-1 ADC10 Channel Select
ADCH
ADC10 Channel
Input Select
Firmware Call(s)
00000
AD0
Pressure Sensor
REIMS_READ_COMP_PRESSURE
00001
AD1
Temperature Sensor
REIMS_READ_COMP_TEMP_8
00010
AD2
Bandgap Reference
REIMS_READ_COMP_VOLTAGE
00011
AD3
Reserved
n/a
00100
AD4
Reserved
n/a
00101
AD5
Acceleration Sensor
REIMS_READ_COMP_ACCEL_X
REIMS_READ_COMP_ACCEL_Z
P-CHIP
INTERFACE
PX
P-CHIP
MCU DATA BUS
VPR
CONTROL
fMFO
MFO
8
μSec
ADC10
VOUT
AD0
TRIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com