Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 164 page
background image
MPXY8300 Series
Sensors
94
Freescale Semiconductor
Figure 12-9 Manchester Datagram Format
12.5.1
Sample Time in Manchester Data Mode
In the Manchester data mode the LFR detector is powered up periodically, tSAMPLE, to sample for signals applied to the LFR
detector. The periodic rate of the sampling, tSAMPLE, is defined as:
In the beginning of tSAMPLE time, LFR decoder turns on the MFO and the LFR detector at the rising edge of the LFO. The LFR
detector and MFO remain turned on during tLFON time.
If LFR detector does not receive a signal greater than the detect threshold during tLFON time, the LFR decoder turns off the LFR
detector and the MFO as shown in the example in Figure 12-10.
During the tLFON time if a signal greater than the detect threshold is received, the LFR detector attempts to acquire the signal
with the automatic gain control (AGC). The LFR detector needs to receive 5 Manchester zeros to acquire the signal and set the
AGC level. This time is referred to as tACQ.
If an error is detected, the module will be placed in a reset state for the duration set by LFS[3:0]. An error may be in the form of:
1.
Carrier frequency out of bounds
2.
Data rate out of bounds
3.
No signal present
4.
2 msec period with no signal acquired
An interrupt signal is not generated for an error. See Figure 12-11 for an example of an error sequence.
If a signal is present during tLFON time, but ends before being acquired, then the LFR decoder will turn off the LFR detector after
a maximum of two LFO cycles.
PREAMBLE
SYNC
WAKE-UP
DATA
DATA
9 tDATA
8 or 16 tDATA
8 tDATA
tLFPRE
LFDO
tDATA
0.5 tDATA
0.5 tDATA
0.5 tDATA
1.5 tDATA
3 tDATA
tDATA
tDATA
tDATA
tDATA
2 tDATA
2 tDATA
Variable
Variable
t
SAMPLE
t
LFON
t
RST
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com