Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
MPXY8300 Series
Sensors
Freescale Semiconductor
77
9.5.3
Channel Event Interrupt Description
The meaning of channel interrupts depends on the current mode of the channel (input capture, output compare, edge-aligned
PWM, or center-aligned PWM).
When a channel is configured as an input capture channel, the ELSnB:ELSnA control bits select rising edges, falling edges, any
edge, or no edge (off) as the edge that triggers an input capture event. When the selected edge is detected, the interrupt flag is
set. The flag is cleared by the 2-step sequence described in Section 9.5.1.
When a channel is configured as an output compare channel, the interrupt flag is set each time the main timer counter matches
the 16-bit value in the channel value register. The flag is cleared by the 2-step sequence described in Section 9.5.1.
9.5.4
PWM End-of-Duty-Cycle Events
For channels that are configured for PWM operation, there are two possibilities:
•
When the channel is configured for edge-aligned PWM, the channel flag is set when the timer counter matches the
channel value register that marks the end of the active duty cycle period.
•
When the channel is configured for center-aligned PWM, the timer count matches the channel value register twice
during each PWM cycle. In this CPWM case, the channel flag is set at the start and at the end of the active duty cycle,
which are the times when the timer counter matches the channel value register.
The flag is cleared by the 2-step sequence described in Section 9.5.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com