| Electronic Components Datasheet Search |
|
MPXY8300 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXY8300 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc |
|
95 / 164 page ![]() MPXY8300 Series Sensors Freescale Semiconductor 95 Figure 12-10 LFR Sample Timing - Manchester Data Mode (no signal detected during tLFON) Figure 12-11 LFR Sample Timing - Manchester Data Mode - data error detected 12.5.2 Preamble The preamble consists of a sequence of Manchester zeros to signal the start of valid information. This preamble must last a minimum of the 8 Manchester zeros. It is acceptable if the preamble has more than 8 Manchester zeros. The preamble ends when the incoming signal active pulse width lasts for 1.5 Manchester data bit times. If the number of the received Manchester zeros during the preamble (until the 1.5 data sync pulse) is less than tPRE(min), then the incoming signals are ignored, the LFR detector and MFO are turned off and the decoder is reset for a period of time, tRST. If the correct bits and preamble time are received the LFR detector and the MFO continue to remain powered up to allow the synchronization period to be decoded. The LFR decoder has a time-out mechanism that turns off the LFR detector and MFO for tRST when the LFR decoder receives only Manchester zeros (in preamble) for an extended time, tTIMEOUT, which is defined by counting 65 rising edges of the LFO clock. The time-out counter will always be enabled when the module is first enabled and will begin after the signal has been acquired and valid Manchester data coded zeros are received. 12.5.3 Synchronization In order for the LFR decoder to synchronize to the upcoming wake-up code, a specific pattern of encoded data must be received during the synchronization interval which lasts a total of nine (9) bit times. If the synchronization pattern fails to match the correct one, the LFR detector and the MFO are turned off and the LFR decoder is reset for tRST. If the correct synchronization is decoded the LFR detector and the MFO remain powered up to allow the wake-up code to be decoded. LFO MFO and are On tLFON tLFON = 200 μsec tSAMPLE LFR Detector tRST LFDO signal LFO Clock error in Manchester Datagram LFR Detector and MFO Enables tRST tLFON ~ 2msec tLFON ~ 2msec signal being acquired LF signal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |