Electronic Components Datasheet Search
  English  ▼

X  

MPXY8300 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
MPXY8300 Series
Sensors
Freescale Semiconductor
97
12.6.2
LF Wake-Up Code A — Byte 1 (LFCA1) Register
12.6.3
LF Wake-Up Code B — Byte 0 (LFCB0) Register
12.6.4
LF Wake-Up Code B — Byte 1 (LFCB1) Register
12.6.5
LF Data Register (LFDATA)
The functions of the bits in this register are dependent on the state of the LFAGC bit in the LFCS0 register. When LFAGC is clear,
a read of the LFDATA register returns:
7
6
5
4
3
2
1
0
R
LFA[15:8]
W
Reset
0
0
0
0
0
0
0
0
Figure 12-13 LF Wake-Up Code A — Byte 1 (LFCA1) Register
Table 12-3 LFCA1 Field Descriptions
Field
Description
7–0
LFA[15:8]
Wake-Up Code A — 8 most significant bits.
The LFCA1 register contains the most significant byte (bits 8 until 15) of one of the wake-up codes (code A)
required in a LF Manchester datagram. Write to these bits is only effective when LFEN=0.
7
6
5
4
3
2
1
0
R
LFB[7:0]
W
Reset
0
0
0
0
0
0
0
0
Figure 12-14 LF Wake-Up Code B — Byte 0 (LFCB0) Register
Table 12-4 LFCB0 Field Descriptions
Field
Description
7–0
LFB[7:0]
Wake-Up Code B — 8 least significant bits.
The LFCB0 register contains the least significant byte (bits 0 until 7) of one of the wake-up codes (code B)
required in a LF Manchester datagram. Write to these bits is only effective when LFEN=0.
7
6
5
4
3
2
1
0
R
LFB[15:8]
W
Reset
0
0
0
0
0
0
0
0
Figure 12-15 LF Wake-Up Code B — Byte 1 (LFCB1) Register
Table 12-5 LFCB1 Field Descriptions
Field
Description
7–0
LFB[15:8]
Wake-Up Code B — 8 most significant bits.
The LFCB1 register contains the most significant byte (bits 8 until 15) of one of the wake-up codes (code B)
required in a LF Manchester datagram. Write to these bits is only effective when LFEN=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com