Electronic Components Datasheet Search
  English  ▼

X  

PCA9421 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 12Page - NXP Semiconductors PCA9421 Datasheet HTML 13Page - NXP Semiconductors PCA9421 Datasheet HTML 14Page - NXP Semiconductors PCA9421 Datasheet HTML 15Page - NXP Semiconductors PCA9421 Datasheet HTML 16Page - NXP Semiconductors PCA9421 Datasheet HTML 17Page - NXP Semiconductors PCA9421 Datasheet HTML 18Page - NXP Semiconductors PCA9421 Datasheet HTML 19Page - NXP Semiconductors PCA9421 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
8.11.5 BUCK2 (SW2, system buck regulator)
The SW2 output voltage can be programmed via I2C register from 1.5 V to 2.1 V, or from 2.7 V to 3.3 V in both
at 25 mV/step and is capable of providing up to 500 mA loading. The application circuit uses a 2.2 µH inductor
and 10 µF output capacitor.
In SW2, a pass-through mode is implemented. When its input (ASYS) is close to the output voltage (within
typical 200 mV), the SW2 enters the pass-through mode operation; the high-side switch is fully turned on and
the low-side switch is turned off, and the output voltage can be calculated as input voltage – (RDSON*ILOAD),
where RDSON is the on-resistance of the high-side switch, and the ILOAD refers to the load current. When the
input voltage rises again, so that the voltage different between input and output crosses the typical 250 mV
threshold, the SW2 exits the pass-through mode and re- enters the normal switching mode operation.
This regulator implements an output current limit protection. When the inductor peak current reaches ILIM(SW2) it
enters a cyclic mechanism where the inductor current ramps down until it reaches 0 A. The regulator increases
inductor current and retries start up. This cyclic current limiting stops once the overcurrent condition is removed.
The output voltage collapses during the cyclic current limiting.
While SW2 operates in pass-through mode, protection features such as over-current protection are also
implemented as well.
aaa-033081
VSW2_Regulation
VPSYS2
(VPSYS2 - VSW2_Regulation)=200mV
50mV
SW2 in regulation mode
SW2 in pass-through mode
SW2 in regulation mode
Delta V=RRDS_ON_High_side x ILOAD
Delta V
Figure 8. Pass-Through mode of BUCK2 (SW2)
8.11.6 LDO1 (always-on LDO)
The LDO1 (Always-on LDO) output can be programmed from 1.7 V to 1.9 V at 25 mV step, depending on the
system requirements (selectable through I2C register). Typically, a 1 µF/6.3 V MLCC output capacitor providing
at least 1 mA loading capability is needed.
LDO1 operates based on the principle of hysteretic on/off regulation. The LDO1 output voltage is generated
from a frequent activation/deactivation of the output stage connecting VIN_AUX to the LDO1 output depending
on the programmed output voltage for LDO1. The ripple frequency and amplitude greatly depends on the load
current and external capacitance. The greater the load current, the higher the on/off activation of this output
stage to ensure LDO1 stays within the defined output voltage accuracy specified in the electrical specification
section. LDO1 is powered by the greater of ASYS or VBAT_BKUP.
SW_RST event will not shut down LDO1, but sets LDO1 to default value. Watchdog Reset will not shut down
LDO1, but changes LDO1 to Mode 0 setting. Hardware Reset (ON Long Press) shuts down LDO1 and recycles
power up to default output voltage.
This regulator implements an output current limit protection. As output current is limited by IOUT_LDO1_LIMIT, the
output voltage collapses if the load current is higher than IOUT_LDO1_LIMIT. Once the overcurrent is removed the
regulator restarts automatically.
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
16 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com