Electronic Components Datasheet Search
  English  ▼

X  

PCA9421 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 58Page - NXP Semiconductors PCA9421 Datasheet HTML 59Page - NXP Semiconductors PCA9421 Datasheet HTML 60Page - NXP Semiconductors PCA9421 Datasheet HTML 61Page - NXP Semiconductors PCA9421 Datasheet HTML 62Page - NXP Semiconductors PCA9421 Datasheet HTML 63Page - NXP Semiconductors PCA9421 Datasheet HTML 64Page - NXP Semiconductors PCA9421 Datasheet HTML 65Page - NXP Semiconductors PCA9421 Datasheet HTML 66Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
Contents
1
General description ............................................ 1
2
Features and benefits .........................................1
3
Applications .........................................................1
4
Ordering information .......................................... 2
4.1
Ordering options ................................................ 2
5
Simplified block diagram ................................... 3
6
Pinning information ............................................ 4
6.1
Pinning ...............................................................4
6.2
Pin description ................................................... 5
7
System configuration diagram .......................... 7
8
Functional description ........................................9
8.1
Power control state diagram ..............................9
8.2
VIN ...................................................................10
8.3
VIN_AUX ..........................................................10
8.4
ASYS ............................................................... 10
8.5
VBAT_BKUP (back-up battery input) ............... 10
8.6
ON ....................................................................10
8.7
Mode setting .................................................... 11
8.8
Mode selection by external pins
(MODESEL0, MODESEL1) ............................. 12
8.9
SYSRSTn .........................................................12
8.10
Watchdog timer ................................................13
8.11
Regulators ........................................................13
8.11.1
Enable/disable and active discharge ............... 13
8.11.2
Power-good indication ..................................... 14
8.11.3
Power-up/down sequence and on-the-fly
voltage change ................................................ 14
8.11.4
BUCK1 (SW1, core buck regulator) .................15
8.11.5
BUCK2 (SW2, system buck regulator) .............16
8.11.6
LDO1 (always-on LDO) ................................... 16
8.11.7
LDO2 (system LDO) ........................................17
8.12
Hardware and software reset .......................... 17
8.13
Device level protection features .......................17
9
I2C-bus interface and register ......................... 17
9.1
I2C target address ...........................................17
9.2
General call and device ID addresses ............. 18
9.3
Register type ................................................... 18
9.4
Register map ................................................... 18
9.5
Register description .........................................20
9.5.1
Device information (DEV_INFO, address
00h) ..................................................................20
9.5.2
Top level interrupt status (TOP_INT,
address 01h) ....................................................20
9.5.3
Sub level interrupt_0 (SUB_INT0, address
02h) ..................................................................21
9.5.4
Sub level interrupt_0 mask (Sub_INT0_
Mask, address 03h) .........................................21
9.5.5
Sub level interrupt_1 (Sub_INT1, address
04h) ..................................................................22
9.5.6
Sub level interrupt_1 mask (Sub_INT1_
Mask, address 05h) .........................................23
9.5.7
Sub level interrupt_2 (Sub_INT2, address
06h) ..................................................................23
9.5.8
Sub level interrupt_2 mask (Sub_INT2_
Mask, address 07h) .........................................24
9.5.9
Top level control_0 (TOP_CTL0, address
09h) ..................................................................24
9.5.10
Top level control_1 (TOP_CTL1, address
0Ah) ................................................................. 25
9.5.11
Top level control_2 (TOP_CTL2, address
0Bh) ................................................................. 26
9.5.12
Top level control_3 (TOP_CTL3, address
0Ch) ................................................................. 26
9.5.13
Top level control_4 (TOP_CTL4, address
0Dh) ................................................................. 27
9.5.14
VIN_PWR Status_0 (PWR_STATUS_0,
address 18h) ....................................................27
9.5.15
VIN_PWR Status_1 (PWR_STATUS_1,
address 19h) ....................................................28
9.5.16
Regulator status (REG_STATUS, address
20h) ..................................................................28
9.5.17
Active Discharge Regulator control (ACT_
DISCHARGE_CNTL, address 21h) ................. 29
9.5.18
Mode configuration mode setting 0_0
(MODECFG_0_0, address 22h) ...................... 29
9.5.19
Mode configuration mode setting 0_1
(MODECFG_0_1, address 23h) ...................... 30
9.5.20
Mode configuration mode setting 0_2
(MODECFG_0_2, address 24h) ...................... 31
9.5.21
Mode configuration mode setting 0_3
(MODECFG_0_3, address 25h) ...................... 32
9.5.22
Mode configuration mode setting 1_0
(MODECFG_1_0, address 26h) ...................... 33
9.5.23
Mode configuration mode setting 1_1
(MODECFG_1_1, address 27h) ...................... 34
9.5.24
Mode configuration mode setting 1_2
(MODECFG_1_2, address 28h) ...................... 34
9.5.25
Mode configuration mode setting 1_3
(MODECFG_1_3, address 29h) ...................... 35
9.5.26
Mode configuration mode setting 2_0
(MODECFG_2_0, address 2Ah) ......................36
9.5.27
Mode configuration mode setting 2_1
(MODECFG_2_1, address 2Bh) ......................37
9.5.28
Mode configuration mode setting 2_2
(MODECFG_2_2, address 2Ch) ......................38
9.5.29
Mode configuration mode setting 2_3
(MODECFG_2_3, address 2Dh) ......................38
9.5.30
Mode configuration mode setting 3_0
(MODECFG_3_0, address 2Eh) ......................39
9.5.31
Mode configuration mode setting 3_1
(MODECFG_3_1, address 2Fh) ...................... 40
9.5.32
Mode configuration mode setting 3_2
(MODECFG_3_2, address 30h) ...................... 41
9.5.33
Mode configuration mode setting 3_3
(MODECFG_3_3, address 31h) ...................... 41
9.5.34
RESET reason monitoring (RESET_
MONITOR, address 71h) .................................42
10
Limiting values ..................................................44
11
ESD ratings ........................................................44
12
Recommended operating conditions .............. 44
13
Electrical characteristics ..................................45
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
65 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com