Electronic Components Datasheet Search
  English  ▼

X  

PCA9421 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 42Page - NXP Semiconductors PCA9421 Datasheet HTML 43Page - NXP Semiconductors PCA9421 Datasheet HTML 44Page - NXP Semiconductors PCA9421 Datasheet HTML 45Page - NXP Semiconductors PCA9421 Datasheet HTML 46Page - NXP Semiconductors PCA9421 Datasheet HTML 47Page - NXP Semiconductors PCA9421 Datasheet HTML 48Page - NXP Semiconductors PCA9421 Datasheet HTML 49Page - NXP Semiconductors PCA9421 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VASYS_UVLO_RISING
ASYS in rising
2.8
V
ASYS in falling
2.7
VASYS_UVLO_FALLING
By MTP
2.4
V
%VASYS_UVLO_FALLING
ASYS UVLO
Accuracy
-3.5
+3.5
%
VASYS_UVLO_HYS
ASYS UVLO
Hysteresis
400 mV for 2.4 V
falling threshold
100
or 400
mV
TASYS_SW_DELAY
Time when ASYS
voltage is switched
between VIN and
VIN_AUX
0.5
ms
VASYS_PREWARNING
ASYS Pre-Warning Threshold
Accuracy
ASYS falling, I2C
programmable
3.3
3.4
3.5
3.6
V
%VASYS_PREWARNING
ASYS Pre-Warning Threshold
Accuracy
-4
+4
%
VASYS_PREWARNING_HYS ASYS Pre-warning Threshold
Hysteresis
100
mV
VBAT_BKUP
VBAT_BKUP UVLO
VBAT_BKUP falling
edge
1.9
V
VBAT_BKUP
UVLO Accuracy
-5
5
%
VBAT_BKUP
UVLO Hysteresis
100
mV
PROTECTION[1]
TWARNING
Pre-warning temperature
2-bit programmable,
T_WARNING [1:0]
75
80
85
90
°C
TWARNING_HYS
Pre-warning threshold
Hysteresis
20
°C
TSHDN
Thermal shutdown
3-bit
programmable,THEM_
SHDN [2:0], in 5 °C
steps
95
to
125
°C
TSHDN_HYS
Thermal shutdown Hysteresis
20
°C
WATCHDOG & SAFETY TIMER
TWD_TIMER Range
Watchdog Timer
When enabled via
I2C Programming
-15%
Disable
16
32
64
+15%
s
Table 62. EC table for Top level...continued
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
46 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com