Electronic Components Datasheet Search
  English  ▼

X  

PCA9421 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 6Page - NXP Semiconductors PCA9421 Datasheet HTML 7Page - NXP Semiconductors PCA9421 Datasheet HTML 8Page - NXP Semiconductors PCA9421 Datasheet HTML 9Page - NXP Semiconductors PCA9421 Datasheet HTML 10Page - NXP Semiconductors PCA9421 Datasheet HTML 11Page - NXP Semiconductors PCA9421 Datasheet HTML 12Page - NXP Semiconductors PCA9421 Datasheet HTML 13Page - NXP Semiconductors PCA9421 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
8.2 VIN
The VIN pin serves as the input power for ASYS and has the following functions implemented:
• An I2C undervoltage lockout protection threshold (VIN_UVLO_SEL)
• An I2C programmable input current limiting threshold (falling, VIN_ILIM_SEL [2:0] ) which can be disabled.
When the VIN_ILIM threshold is reached, the VIN current clamps at that VIN_ILIM_SEL level. This current
limiting only applies to VIN
• 20 V tolerance on VIN pin
• An I2C programmable overvoltage protection threshold (rising, VIN_OVP_SEL)
8.3 VIN_AUX
VIN_AUX is an auxiliary input power which, depending on ASYS_INPUT_SEL [1:0] register configuration, could
be the power source for VSYS. By default VSYS is powered from VIN or VIN_AUX (whichever is greater). In
the case of a current limit from VIN as the main power source, when VSYS < VIN_AUX, a current path from
VIN_AUX to VSYS is enabled (supplemental mode feature) to provide the needed current as VIN current is
limited. There is no internal current limit from VIN_AUX to VSYS.
8.4 ASYS
The ASYS pin serves as the input power pin for PSYS1, PSYS2 and LDO2. Internally by default it’s powered
by either VIN or VIN_AUX, whichever is greater. The internal ASYS input selection circuit ensures a seamless
transition when its input source changes from VIN to VIN_AUX, or vice versa.
Through I2C register setting selection (ASYS_INPUT_SEL [1:0]), the user also has the option to choose the
ASYS input source. However, upon power cycling and/or chip reset, the ASYS input source goes back to the
default setting (option 1 below).
SYS_INPUT_SEL [1:0]
1. 2b’00: From either VIN_AUX or VIN, whichever is greater (default setting);
2. 2b’01: From VIN_AUX only;
3. 2b’10: From VIN only;
4. 2b’11: Disconnect from VIN_AUX or VIN (not a normal operation condition, for INTERNAL test purposes
only).
An I2C programmable pre-warning ASYS voltage threshold (ASYS_PRE_WARNING [1:0]) can also be used to
indicate when ASYS voltage drops below the ASYS pre-warning threshold voltage, which triggers an interrupt
event.
If any peripheral regulators are connected to ASYS node, the ASYS node follows a VIN voltage up to a
programmed OVP threshold (either 5.5 V or 6 V) with a various voltage difference depending on a load current.
8.5 VBAT_BKUP (back-up battery input)
Internally, the input power source for LDO1 is provided by either VBAT_BKUP or ASYS, whichever is greater.
When a coin cell battery (or similar battery) is used in the system as a backup battery, it can be connected to
VBAT_BKUP; thus the LDO1 is powered by either ASYS or the backup battery. When no such backup battery is
used, the VBAT_BKUP pin should always be connected to VIN_AUX.
8.6 ON
The ON pin has the following functions implemented:
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
10 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com